Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 16Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 17Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
HT95LXXX
Rev. 1.20
20
May 26, 2004
Timer/Event Counter
Two timer/event counters (TMR0, TMR1) are imple-
mented in the telephone controller series. The
Timer/Event Counter 0 and Timer/Event Counter 1 con-
tain 16-bits programmable count-up counter and the
clock may come from an external or internal source. For
TMR0, the internal source is the instruction clock (sys-
tem clock/4). For TMR1, the internal source is 32768Hz.
Using the 32768Hz clock or instruction clock, there is
only one reference time-base. The external clock input
allows the user to count external events, measure time
intervals or pulse width, or generate an accurate time
base.
There are 3 registers related to the Timer/Event Counter
0; TMR0H, TMR0L and TMR0C. Writing TMR0L only
writes the data into a low byte buffer, but writing TMR0H
simultaneously writes the data along with the contents
of the low byte buffer into the Timer/Event Counter 0
preload register (16-bit). The Timer/Event Counter 0
preload register is changed by writing TMR0H opera-
tions. Writing TMR0L will keep the Timer/Event Counter
0 preload register unchanged.
Reading TMR0H latches the TMR0L into the low byte
buffer to avoid a false timing problem. Reading TMR0L
returns the contents of the low byte buffer. In other
words, the low byte of the Timer/Event Counter 0 can
not be read directly. It must read the TMR0H first to
make the low byte contents of Timer/Event Counter 0 be
latched into the buffer.
There are 3 registers related to the Timer/Event Counter
1; TMR1H, TMR1L and TMR1C. The Timer/Event
Counter 1 operates in the same manner as the
Timer/Event Counter 0.
I N T / T M R 1
T M R 0
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
T i m e r / E v e n t C o u n t e r 0 / 1
P r e l o a d R e g i s t e r
T i m e r / e v e n t
C o u n t e r 0 / 1
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T i m e r 0 : I n s t r u c t i o n c l o c k ( s y s t e m c l o c k / 4 )
T i m e r 1 : 3 2 7 6 8 H z
L o w B y t e B u f f e r
*
*
N o t e : * T M R 1 , T M R 0 p i n a r e n o t
s u p p o r t e d f o r H T 9 5 L 0 0 0 / 0 0 P .
T 0 M 1 / T 1 M 1
T 0 M 0 / T 1 M 0
T 0 O N / T 1 O N
T 0 M 1 / T 1 M 1
T 0 M 0 / T 1 M 0
T 0 E / T 1 E
Timer/Event Counter 0/1
Register
Label
Bits
R/W
Function
TMR0C
(0EH)
/
TMR1C
(11H)
¾
0~2
RO
Unused bit, read as
²0²
T0E/T1E
3
RW
To define the TMR0/TMR1 active edge of timer
For event count or Timer mode
(0=active on low to high; 1=active on high to low)
For pulse width measurement mode
(0=measures low pulse width; 1=measures high pulse width)
T0ON/T1ON
4
RW
To enable/disable timer counting (0=disabled; 1=enabled)
¾
5RO
Unused bit, read as
²0²
T0M0/T1M0
T0M1/T1M1
6
7
RW
To define the operating mode
Bit 7, 6=01, Event count mode (external clock)
Bit 7, 6=10, Timer mode
Bit 7, 6=11, Pulse width measurement mode
Bit 7, 6=00, Unused
Only Timer mode is available for HT95L000/00P.
Register
Bits
R/W
Function
TMR0H (0CH)
0~7
RW
Timer/Event Counter 0 higher-order byte register
TMR0L (0DH)
0~7
RW
Timer/Event Counter 0 lower-order byte register
TMR1H (0FH)
0~7
RW
Timer/Event Counter 1 higher-order byte register
TMR1L (10H)
0~7
RW
Timer/Event Counter 1 lower-order byte register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com