Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 4Page - STMicroelectronics M45PE10 Datasheet HTML 5Page - STMicroelectronics M45PE10 Datasheet HTML 6Page - STMicroelectronics M45PE10 Datasheet HTML 7Page - STMicroelectronics M45PE10 Datasheet HTML 8Page - STMicroelectronics M45PE10 Datasheet HTML 9Page - STMicroelectronics M45PE10 Datasheet HTML 10Page - STMicroelectronics M45PE10 Datasheet HTML 11Page - STMicroelectronics M45PE10 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
M45PE10
8/34
Status Register
The Status Register contains two status bits that
can be read by the Read Status Register (RDSR)
instruction.
WIP bit. The Write In Progress (WIP) bit indicates
whether the memory is busy with a Write, Program
or Erase cycle.
WEL bit. The Write Enable Latch (WEL) bit indi-
cates the status of the internal Write Enable Latch.
Table 2. Status Register Format
Note: WEL and WIP are volatile read-only bits (WEL is set and re-
set by specific instructions; WIP is automatically set and re-
set by the internal logic of the device).
Protection Modes
The environments where non-volatile memory de-
vices are used can be very noisy. No SPI device
can operate correctly in the presence of excessive
noise. To help combat this, the M45PE10 features
the following data protection mechanisms:
■
Power On Reset and an internal timer (tPUW)
can provide protection against inadvertant
changes while the power supply is outside the
operating specification.
■
Program, Erase and Write instructions are
checked that they consist of a number of clock
pulses that is a multiple of eight, before they
are accepted for execution.
■
All instructions that modify data must be
preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch
(WEL) bit. This bit is returned to its reset state
by the following events:
–
Power-up
–
Reset (RESET) driven Low
–
Write Disable (WRDI) instruction
completion
–
Page Write (PW) instruction completion
–
Page Program (PP) instruction completion
–
Page Erase (PE) instruction completion
–
Sector Erase (SE) instruction completion
■
The Hardware Protected mode is entered
when Write Protect (W) is driven Low, causing
the first 256 pages of memory to become
read-only. When Write Protect (W) is driven
High, the first 256 pages of memory behave
like the other pages of memory
■
The Reset (Reset) signal can be driven Low to
protect the contents of the memory during any
critical time, not just during Power-up and
Power-down.
■
In addition to the low power consumption
feature, the Deep Power-down mode offers
extra software protection from inadvertant
Write, Program and Erase instructions while
the device is not in active use.
b7
b0
0
0
0
0
0
0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com