Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 6Page - STMicroelectronics M45PE10 Datasheet HTML 7Page - STMicroelectronics M45PE10 Datasheet HTML 8Page - STMicroelectronics M45PE10 Datasheet HTML 9Page - STMicroelectronics M45PE10 Datasheet HTML 10Page - STMicroelectronics M45PE10 Datasheet HTML 11Page - STMicroelectronics M45PE10 Datasheet HTML 12Page - STMicroelectronics M45PE10 Datasheet HTML 13Page - STMicroelectronics M45PE10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
M45PE10
10/34
INSTRUCTIONS
All instructions, addresses and data are shifted in
and out of the device, most significant bit first.
Serial Data Input (D) is sampled on the first rising
edge of Serial Clock (C) after Chip Select (S) is
driven Low. Then, the one-byte instruction code
must be shifted in to the device, most significant bit
first, on Serial Data Input (D), each bit being
latched on the rising edges of Serial Clock (C).
The instruction set is listed in Table 4.
Every instruction sequence starts with a one-byte
instruction code. Depending on the instruction,
this might be followed by address bytes, or by data
bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read
Data Bytes at Higher Speed (Fast_Read) or Read
Status Register (RDSR) instruction, the shifted-in
instruction sequence is followed by a data-out se-
quence. Chip Select (S) can be driven High after
any bit of the data-out sequence is being shifted
out.
In the case of a Page Write (PW), Page Program
(PP), Page Erase (PE), Sector Erase (SE), Write
Enable (WREN), Write Disable (WRDI), Deep
Power-down (DP) or Release from Deep Power-
down (RDP) instruction, Chip Select (S) must be
driven High exactly at a byte boundary, otherwise
the instruction is rejected, and is not executed.
That is, Chip Select (S) must driven High when the
number of clock pulses after Chip Select (S) being
driven Low is an exact multiple of eight.
All attempts to access the memory array during a
Write cycle, Program cycle or Erase cycle are ig-
nored, and the internal Write cycle, Program cycle
or Erase cycle continues unaffected.
Table 4. Instruction Set
Instruction
Description
One-byte Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
∞
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to
∞
PW
Page Write
0000 1010
0Ah
3
0
1 to 256
PP
Page Program
0000 0010
02h
3
0
1 to 256
PE
Page Erase
1101 1011
DBh
3
0
0
SE
Sector Erase
1101 1000
D8h
3
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RDP
Release from Deep Power-down
1010 1011
ABh
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com