Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 21Page - STMicroelectronics M45PE10 Datasheet HTML 22Page - STMicroelectronics M45PE10 Datasheet HTML 23Page - STMicroelectronics M45PE10 Datasheet HTML 24Page - STMicroelectronics M45PE10 Datasheet HTML 25Page - STMicroelectronics M45PE10 Datasheet HTML 26Page - STMicroelectronics M45PE10 Datasheet HTML 27Page - STMicroelectronics M45PE10 Datasheet HTML 28Page - STMicroelectronics M45PE10 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25/34
M45PE10
Table 11. DC Characteristics
Symbol
Parameter
Test Condition
(in addition to those in Table 8.)
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Standby Current
(Standby and Reset modes)
S = VCC, VIN = VSS or VCC
50
µA
ICC2
Deep Power-down Current
S = VCC, VIN = VSS or VCC
10
µA
ICC3
Operating Current
(FAST_READ)
C = 0.1VCC / 0.9.VCC at 25MHz, Q = open
6
mA
C = 0.1VCC / 0.9.VCC at 33MHz, Q = open
8
ICC4
Operating Current (PW)
S = VCC
15
mA
ICC5
Operating Current (SE)
S = VCC
15
mA
VIL
Input Low Voltage
– 0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = –100
µAVCC–0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com