Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 17Page - STMicroelectronics M45PE10 Datasheet HTML 18Page - STMicroelectronics M45PE10 Datasheet HTML 19Page - STMicroelectronics M45PE10 Datasheet HTML 20Page - STMicroelectronics M45PE10 Datasheet HTML 21Page - STMicroelectronics M45PE10 Datasheet HTML 22Page - STMicroelectronics M45PE10 Datasheet HTML 23Page - STMicroelectronics M45PE10 Datasheet HTML 24Page - STMicroelectronics M45PE10 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21/34
M45PE10
Release from Deep Power-down (RDP)
Once the device has entered the Deep Power-
down mode, all instructions are ignored except the
Release from Deep Power-down (RDP) instruc-
tion. Executing this instruction takes the device out
of the Deep Power-down mode.
The Release from Deep Power-down (RDP) in-
struction is entered by driving Chip Select (S) Low,
followed by the instruction code on Serial Data In-
put (D). Chip Select (S) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 18..
The Release from Deep Power-down (RDP) in-
struction is terminated by driving Chip Select (S)
High. Sending additional clock cycles on Serial
Clock (C), while Chip Select (S) is driven Low,
cause the instruction to be rejected, and not exe-
cuted.
After Chip Select (S) has been driven High, fol-
lowed by a delay, tRDP, the device is put in the
Standby Power mode. Chip Select (S) must re-
main High at least until this period is over. The de-
vice waits to be selected, so that it can receive,
decode and execute instructions.
Any Release from Deep Power-down (RDP) in-
struction, while an Erase, Program or Write cycle
is in progress, is rejected without having any ef-
fects on the cycle that is in progress.
Figure 18. Release from Deep Power-down (RDP) Instruction Sequence
C
D
AI06807
S
2
1
34567
0
tRDP
Stand-by Mode
Deep Power-down Mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com