Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 18Page - STMicroelectronics M45PE10 Datasheet HTML 19Page - STMicroelectronics M45PE10 Datasheet HTML 20Page - STMicroelectronics M45PE10 Datasheet HTML 21Page - STMicroelectronics M45PE10 Datasheet HTML 22Page - STMicroelectronics M45PE10 Datasheet HTML 23Page - STMicroelectronics M45PE10 Datasheet HTML 24Page - STMicroelectronics M45PE10 Datasheet HTML 25Page - STMicroelectronics M45PE10 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
M45PE10
22/34
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must
not be selected (that is Chip Select (S) must follow
the voltage applied on VCC) until VCC reaches the
correct value:
–VCC(min) at Power-up, and then for a further
delay of tVSL
–VSS at Power-down
Usually a simple pull-up resistor on Chip Select (S)
can be used to ensure safe and proper Power-up
and Power-down.
To avoid data corruption and inadvertent write op-
erations during power up, a Power On Reset
(POR) circuit is included. The logic inside the de-
vice is held reset while VCC is less than the Power
On Reset (POR) threshold value, VWI – all opera-
tions are disabled, and the device does not re-
spond to any instruction.
Moreover, the device ignores all Write Enable
(WREN), Page Write (PW), Page Program (PP),
Page Erase (PE) and Sector Erase (SE) instruc-
tions until a time delay of tPUW has elapsed after
the moment that VCC rises above the VWI thresh-
old. However, the correct operation of the device
is not guaranteed if, by this time, VCC is still below
VCC(min). No Write, Program or Erase instructions
should be sent until the later of:
–tPUW after VCC passed the VWI threshold
–tVSL after wrap roundVCC passed the
VCC(min) level
These values are specified in Table 6..
If the delay, tVSL, has elapsed, after VCC has risen
above VCC(min), the device can be selected for
READ instructions even if the tPUW delay is not yet
fully elapsed.
As an extra protection, the Reset (Reset) signal
can be driven Low for the whole duration of the
Power-up and Power-down phases.
At Power-up, the device is in the following state:
–
The device is in the Standby Power mode (not
the Deep Power-down mode).
–
The Write Enable Latch (WEL) bit is reset.
Normal precautions must be taken for supply rail
decoupling, to stabilize the VCC supply. Each de-
vice in a system should have the VCC rail decou-
pled by a suitable capacitor close to the package
pins. (Generally, this capacitor is of the order of
0.1µF).
At Power-down, when VCC drops from the operat-
ing voltage, to below the Power On Reset (POR)
threshold value, VWI, all operations are disabled
and the device does not respond to any instruc-
tion. (The designer needs to be aware that if a
Power-down occurs while a Write, Program or
Erase cycle is in progress, some data corruption
can result.)
Figure 19. Power-up Timing
VCC
AI04009C
VCC(min)
VWI
Reset State
of the
Device
Chip Selection Not Allowed
Program, Erase and Write Commands are Rejected by the Device
tVSL
tPUW
time
Read Access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com