Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M45PE10
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M45PE10 Datasheet HTML 19Page - STMicroelectronics M45PE10 Datasheet HTML 20Page - STMicroelectronics M45PE10 Datasheet HTML 21Page - STMicroelectronics M45PE10 Datasheet HTML 22Page - STMicroelectronics M45PE10 Datasheet HTML 23Page - STMicroelectronics M45PE10 Datasheet HTML 24Page - STMicroelectronics M45PE10 Datasheet HTML 25Page - STMicroelectronics M45PE10 Datasheet HTML 26Page - STMicroelectronics M45PE10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23/34
M45PE10
Table 6. Power-Up Timing and VWI Threshold
Note: 1. These parameters are characterized only, over the temperature range –40°C to +85°C.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh). All usable Status Register bits are 0.
MAXIMUM RATING
Stressing the device outside the ratings listed in
Table 7. may cause permanent damage to the de-
vice. These are stress ratings only, and operation
of the device at these, or any other conditions out-
side those indicated in the Operating sections of
this specification, is not implied. Exposure to Ab-
solute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to
the STMicroelectronics SURE Program and other
relevant quality documents.
Table 7. Absolute Maximum Ratings
Note: 1. Compliant with JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and
the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
Symbol
Parameter
Min.
Max.
Unit
tVSL1
VCC(min) to S low
30
µs
tPUW1
Time delay before the first Write, Program or Erase instruction
1
10
ms
VWI1
Write Inhibit Voltage
1.5
2.5
V
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
See note 1
°C
VIO
Input and Output Voltage (with respect to Ground)
–0.6
4.0
V
VCC
Supply Voltage
–0.6
4.0
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com