Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 3 Page - uPI Group Inc.

  UP1537RQKB Datasheet HTML 1Page - uPI Group Inc. UP1537RQKB Datasheet HTML 2Page - uPI Group Inc. UP1537RQKB Datasheet HTML 3Page - uPI Group Inc. UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
uP1537
3
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
Typical Application Circuit
Functional Block Diagram
x(-1/8)
Auto-skip / FCCM
Frequency Setting
Detector
10µA
On-Time
Calculator
Ramp
0.7V
EN / SS
Control
0.7V x 125%
0.7V x 55%
Control Logic
TON
One-shot
XCON
0.7V x 90%
Delay
POK
VCC5
Fault
EN
UV
OV
EA
PWM
VFB
CS
OCP
ZC
RF
BOOT
UGATE
PHASE
LGATE
GND
LGATE
POK
UGATE
PHASE
VIN
VCC5
RF
BOOT
CS
EN
VFB
VOUT
5V
POK
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com