Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. UP1537RQKB Datasheet HTML 10Page - uPI Group Inc. UP1537RQKB Datasheet HTML 11Page - uPI Group Inc. UP1537RQKB Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
uP1537
8
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
t
i
n
U
s
n
o
i
t
i
d
n
o
C
g
n
i
t
t
e
S
d
n
a
d
l
o
h
s
e
r
h
T
c
i
g
o
L
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
N
EV
N
E
e
l
b
a
n
E8
.
1-
--
-
V
e
l
b
a
s
i
D-
--
-5
.
0
t
n
e
r
r
u
C
t
u
p
n
I
N
EI
N
E
V
N
E
V
5
=-
--
-1
µA
e
m
i
T
-
n
OT
N
O
R
F
R
k
0
7
4
=
Ω
F
r
o
f
W
S
z
H
k
0
9
2
=-
-2
0
3-
-
s
n
R
F
R
k
0
0
2
=
Ω
F
r
o
f
W
S
z
H
k
0
4
3
=-
-7
5
2-
-
R
F
R
k
0
0
1
=
Ω
F
r
o
f
W
S
z
H
k
0
8
3
=-
-0
3
2-
-
R
F
R
k
9
3
=
Ω
F
r
o
f
W
S
z
H
k
0
3
4
=-
-3
0
2-
-
e
g
a
t
l
o
V
g
n
i
t
t
e
S
M
C
CV
F
R
M
C
C8
.
1-
--
-
V
p
i
k
S
-
o
t
u
A-
--
-5
.
0
e
s
n
e
S
t
n
e
r
r
u
C
:
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
e
c
r
u
o
S
S
CI
S
C
90
11
1
µA
t
e
s
f
f
O
r
o
t
a
r
a
p
m
o
C
P
C
OV
S
F
O
_
C
O
0
1
-0
0
1V
m
t
e
s
f
f
O
r
o
t
a
r
a
p
m
o
C
g
n
i
s
s
o
r
C
o
r
e
ZV
F
O
_
C
Z
4
-2
-0
V
m
P
V
O
d
n
a
P
V
U
:
n
o
i
t
c
e
t
o
r
P
d
l
o
h
s
e
r
h
T
p
i
r
T
e
g
a
t
l
o
V
r
e
v
O
e
g
a
t
l
o
V
V
P
V
O
V
f
o
e
g
a
t
n
e
c
r
e
P
F
E
R
0
2
15
2
10
3
1%
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
P
V
OT
L
E
D
P
V
O
-
-5
-
-
µs
d
l
o
h
s
e
r
h
T
p
i
r
T
e
g
a
t
l
o
V
r
e
d
n
U
e
g
a
t
l
o
V
V
P
V
U
V
f
o
e
g
a
t
n
e
c
r
e
P
F
E
R
0
55
50
6%
e
m
i
T
y
a
l
e
D
e
l
b
a
n
E
P
V
U
t
u
p
t
u
OT
N
E
P
V
U
e
l
b
a
k
r
o
w
P
V
U
o
t
e
l
b
a
n
E
m
o
r
F1
-
--
-s
m
O
L
V
U
d
l
o
h
s
e
r
h
T
R
O
P
5
C
C
VV
5
C
C
V
O
L
V
U
g
n
i
s
i
R8
.
34
2
.
4V
s
i
s
e
r
e
t
s
y
H-
-3
.
0-
-V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
N
D
S
e
r
u
t
a
r
e
p
m
e
t
n
w
o
d
t
u
h
S-
-0
5
1-
-
OC
s
i
s
e
r
e
t
s
y
H-
-0
2-
-
OC
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com