Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. UP1537RQKB Datasheet HTML 10Page - uPI Group Inc. UP1537RQKB Datasheet HTML 11Page - uPI Group Inc. UP1537RQKB Datasheet HTML 12Page - uPI Group Inc. UP1537RQKB Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
uP1537
9
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
POK (5V/Div)
PHASE (10V/Div)
EN (5V/Div)
VOUT (500mV/Div)
Typical Operation Characteristics
PSM, Power On from EN
400us/Div
V
IN = 12V, VOUT = 1.05V, no load
CCM, Power On from EN
400us/Div
V
IN = 12V, VOUT = 1.05V, no load
PSM, Power On from EN
400us/Div
V
IN = 12V, VOUT = 1.05V, Load = 0.05Ω
CCM, Power On from EN
400us/Div
V
IN = 12V, VOUT = 1.05V, Load = 0.05Ω
PSM, Power Off from EN
20us/Div
V
IN = 12V, VOUT = 1.05V, Load = 2Ω
CCM, Power Off from EN
10us/Div
V
IN = 12V, VOUT = 1.05V, Load = 0.05Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com