Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP1537RQKB Datasheet HTML 3Page - uPI Group Inc. UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. UP1537RQKB Datasheet HTML 10Page - uPI Group Inc. UP1537RQKB Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
uP1537
7
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
t
i
n
U
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
5
C
C
VI
5
C
C
V
V
N
E
d
a
o
L
o
N
,
V
5
=-
-0
2
30
0
5
µA
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
5
C
C
VI
D
S
_
5
C
C
V
V
N
E
d
a
o
L
o
N
,
V
0
=-
--
-1
µA
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
n
I
e
g
a
t
l
o
V
n
o
i
t
a
l
u
g
e
R
B
F
VV
B
F
n
o
i
t
i
d
n
o
c
M
C
C-
-4
0
7
.
0-
-V
e
c
n
a
r
e
l
o
T0
.
1
--
-0
.
1
+%
t
n
e
r
r
u
C
t
u
p
n
I
B
F
VI
B
F
V
B
F
e
d
o
m
p
i
k
s
,
V
5
3
7
.
0
=-
-1
0
.
02
.
0
µA
e
g
r
a
h
c
s
i
D
t
u
p
t
u
O
m
o
r
f
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
t
u
p
t
u
O
n
i
P
E
S
A
H
P
I
S
I
D
V
N
E
V
,
V
0
=
E
S
A
H
P
V
5
.
0
=5
3
1-
-A
m
s
r
e
v
i
r
D
t
u
p
t
u
O
e
c
n
a
t
s
i
s
e
R
E
T
A
G
UR
E
T
A
G
U
I
,
e
c
r
u
o
S
E
T
A
G
U
A
m
0
5
1
-
=-
-2
-
-
Ω
I
,
k
n
i
S
E
T
A
G
U
A
m
0
5
1
=-
-1
-
-
e
c
n
a
t
s
i
s
e
R
E
T
A
G
LR
E
T
A
G
L
I
,
e
c
r
u
o
S
E
T
A
G
L
A
m
0
5
1
-
=-
-1
-
-
Ω
I
,
k
n
i
S
E
T
A
G
L
A
m
0
5
1
=-
-7
.
0-
-
e
m
i
T
d
a
e
DT
D
n
o
-
E
T
A
G
L
o
t
f
f
o
-
E
T
A
G
U-
-7
1-
-
s
n
n
o
-
E
T
A
G
U
o
t
f
f
o
-
E
T
A
G
L-
-2
2-
-
h
c
t
i
w
S
p
a
r
t
s
t
o
o
B
l
a
n
r
e
t
n
I
e
c
n
a
t
s
i
s
e
R
l
a
n
r
e
t
n
IR
F
_
T
S
B
I
F
A
m
0
1
=-
-0
8-
-
Ω
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
K
L
_
T
S
B
V
T
O
O
B
V
6
2
=-
-1
0
.
05
.
1
µA
l
o
r
t
n
o
C
y
c
n
e
u
q
e
r
F
d
n
a
y
t
u
D
e
m
i
T
-
f
f
O
m
u
m
i
n
i
MT
N
I
M
_
F
F
O
-
-0
0
4-
-
s
n
e
m
i
T
-
n
O
m
u
m
i
n
i
MT
N
I
M
_
N
O
V
N
I
V
,
V
6
2
=
T
U
O
R
,
V
7
.
0
=
F
R
k
9
3
=
Ω
-
-0
8-
-
t
r
a
t
S
t
f
o
S
e
m
i
T
S
S
l
a
n
r
e
t
n
IT
S
S
V
m
o
r
F
N
E
V
o
t
h
g
i
h
=
T
U
O
%
0
9
=-
-1
-
-s
m
r
o
t
a
r
a
p
m
o
C
K
O
P
d
l
o
h
s
e
r
h
T
K
O
PV
K
O
P
T
V
,
r
e
w
o
l
m
o
r
f
n
i
K
O
P
B
F
o
t
t
c
e
p
s
e
r
h
t
i
w
.
d
a
o
l
o
N
,
e
c
n
e
r
e
f
e
r
7
80
93
9%
t
n
e
r
r
u
C
k
n
i
S
K
O
PI
X
A
M
_
K
O
P
V
K
O
P
V
5
.
0
=-
-0
5-
-A
m
e
m
i
T
y
a
l
e
D
K
O
PT
L
E
D
_
K
O
P
V
f
o
%
0
9
m
o
r
f
y
a
l
e
D
B
F
h
g
i
h
o
g
K
O
P
o
t8
.
01
2
.
1s
m
Electrical Characteristics
(V
IN = 12V, VVCC5 = 5.0V, VOUT = 1.05V, TA = 25
OC, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com