Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 1 Page - uPI Group Inc.

  UP1537RQKB Datasheet HTML 1Page - uPI Group Inc. UP1537RQKB Datasheet HTML 2Page - uPI Group Inc. UP1537RQKB Datasheet HTML 3Page - uPI Group Inc. UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
uP1537
1
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
Wide Input Voltage Range 3V ~ 26V
Output Voltage Range 0.7V ~ 2.6V
Build-in 1% 0.7V Reference
RCOTTM (Robust Constant On-Time) Control
Architecture
4 Selectable Frequency Setting
4700ppm/OC R
DS(ON) Currrent Sensing
Internal 1ms Soft-start
Pre-charged Start-up Capability
Built-in Output Discharge
Power OK Indication
Over Voltage, Under Voltage, and Over
Temperature Protection
WDFN3x3-10L and WQFN2x2-12L package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
A
D
D
P
7
3
5
1
P
uL
0
1
-
3
x
3
N
F
D
WP
7
3
5
1
P
u
B
K
Q
R
7
3
5
1
P
uL
2
1
-
2
x
2
N
F
Q
WR
7
3
5
1
P
u
Notebook Computers
I/O Supplies
System Power Supplies
General Description
Applications
Ordering Information
Features
The uP1537 is a high-efficiency, single synchronous buck
controller suitable for low output voltage point-of-load
applications in notebook computers and similar digital
consumer applications. The proprietary RCOTTM
technology provides fast transient response and high noise
immunity. It supports ceramic output capacitors. An
advantage of this control scheme is that it does not require
an external phase compensation network, helping the
designer with ease-of-use and realizing low external
component count configuration. This combination is ideal
for building modern low duty ratio, ultra-fast load step
response DC-DC converters. The output voltage ranges
from 0.7 V to 2.6V, and the conversion input voltage range
is from 3 V to 26V. The switching frequency is selectable
from four preset values using a resistor connected from
the RF pin to ground. RCOTTM control tracks the preset
switching frequency over a wide range of input and output
voltages, while it increases the switching frequency at step-
up of load.
The RF pin also serves in selecting between auto-skip
mode and forced continuous conduction mode for light
load conditions. The strong gate drivers of the uP1537
allow low R
DS(ON) FETs for high current applications.
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
High Performance, Single Synchronous Step-Down
Controller for Notebook Power Supply
Pin Configuration
PHASE
BOOT
VCC5
11
GND
POK
CS
VFB
1
2
3
4
10
9
8
7
WDFN3x3-10L
RF
5
LGATE
6
EN
UGATE
13
GND
LGATE
10
11
12
VFB
VCC5
7
8
9
3
2
1
5
6
4
EN
PHASE
CS
WQFN2x2-12L


Similar Part No. - UP1537RQKB

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1536ADDA UPI-UP1536ADDA Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1536BDDA UPI-UP1536BDDA Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1536CDDA UPI-UP1536CDDA Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1536DDDA UPI-UP1536DDDA Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
More results

Similar Description - UP1537RQKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com