Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1537RQKB Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP1537RQKB Datasheet HTML 2Page - uPI Group Inc. UP1537RQKB Datasheet HTML 3Page - uPI Group Inc. UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. UP1537RQKB Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
uP1537
6
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
Package Thermal Resistance (Note 3)
WDFN3x3-10L θ
JA --------------------------------------------------------------------------------------------------------- 68°C/W
WDFN3x3-10L θ
JC ---------------------------------------------------------------------------------------------------------- 6°C/W
WDFN2x2-12L θ
JC --------------------------------------------------------------------------------------------------------155°C/W
WDFN2x2-12L θ
JC -------------------------------------------------------------------------------------------------------- 20°C/W
Power Dissipation, P
D @ TA = 25°C
WDFN3x3-10L ------------------------------------------------------------------------------------------------------------------- 1.47W
WDFN2x2-12L ------------------------------------------------------------------------------------------------------------------- 0.65W
(Note 4)
Input Voltage, V
IN
-------------------------------------------------------------------------------------------------------------------- 3V to 26V
Operating Junction Temperature Range
---------------------------------------------------------------------
-40°C to +125°C
Operating Ambient Temperature Range ---------------------------------------------------------------------------------- -40°C to +85°C
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
(Note 1)
VCC5 to GND ---------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
BOOT to GND
DC --------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +36V
< 200ns ---------------------------------------------------------------------------------------------------------------------------------- -5V to +42V
BOOT to PHASE
DC --------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
< 200ns ---------------------------------------------------------------------------------------------------------------------------------- -5V to +7.5V
PHASE to GND
DC ------------------------------------------------------------------------------------------------------------------------- -0.3V to +30V
< 200ns --------------------------------------------------------------------------------------------------------------------- -5V to +38V
UGATE to GND
DC--------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +36V
<200ns ---------------------------------------------------------------------------------------------------------------------------------- -10V to +42V
UGATE to PHASE
DC---------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
<200ns ---------------------------------------------------------------------------------------------------------------- -5V to +7V
LGATE to GND
DC --------------------------------------------------------------------------------------------------------------------- -0.3V to + 6V
<200ns ----------------------------------------------------------------------------------------------------------------- -2V to +7V
Other Pins to GND -------------------------------------------------------------------------------------------------------------- -0.3V to +6V
Storage Temperature Range ----------------------------------------------------------------------------------------------- -65OC to +150OC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------ 260OC
ESD Rating (Note 2)
HBM (Human Body Mode) -------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------------------- 200V
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device. These are
for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of JEDEC
51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com