Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 3 Page - uPI Group Inc.

  UP6013PQAG Datasheet HTML 1Page - uPI Group Inc. UP6013PQAG Datasheet HTML 2Page - uPI Group Inc. UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
uP6013
Conceptual
3
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Functional Block Diagram
.
o
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
4
,
3
,
2
,
1X
L
.
s
e
d
o
N
h
c
t
i
w
S
.
r
o
t
c
u
d
n
i
e
h
t
o
t
s
n
i
p
e
s
e
h
t
t
c
e
n
n
o
C
51
N
E
.
1
l
o
r
t
n
o
C
e
l
b
a
n
E
p
i
h
C
o
t
h
g
i
h
n
i
p
2
N
E
d
n
a
n
i
p
e
h
t
ll
u
P
.
1
n
i
p
l
o
r
t
n
o
C
e
l
b
a
n
E
p
i
h
C
.
p
i
h
c
n
o
n
r
u
t
62
N
E
.
2
l
o
r
t
n
o
C
e
l
b
a
n
E
p
i
h
C
o
t
h
g
i
h
n
i
p
1
N
E
d
n
a
n
i
p
e
h
t
ll
u
P
.
2
n
i
p
l
o
r
t
n
o
C
e
l
b
a
n
E
p
i
h
C
.
p
i
h
c
n
o
n
r
u
t
4
2
,
3
2
,
1
1
,
7C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
8D
N
G
.
d
n
u
o
r
G
d
n
u
o
r
g
d
n
a
T
U
O
C
d
n
a
N
I
C
f
o
l
a
n
i
m
r
e
t
e
d
o
h
t
a
c
e
h
t
o
t
y
l
t
c
e
r
i
d
n
i
p
s
i
h
t
s
e
i
T
k
c
a
b
d
e
e
f
d
n
a
n
o
i
t
a
s
n
e
p
m
o
c
,
l
a
n
g
i
s
-
ll
a
m
s
ll
A
.
e
c
n
a
d
e
p
m
i
t
s
e
w
o
l
e
h
t
h
t
i
w
e
n
a
l
p
.
n
i
p
s
i
h
t
o
t
t
c
e
n
n
o
c
d
l
u
o
h
s
s
t
n
e
n
o
p
m
o
c
9B
F
.
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
.
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
0
1T
U
O
V
S
.
s
n
i
P
t
u
p
t
u
O
l
a
n
g
i
S
e
s
i
o
n
r
o
f
r
o
t
i
c
a
p
a
c
F
u
1
a
h
t
i
w
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.
n
o
i
t
a
r
e
d
i
s
n
o
c
y
t
i
n
u
m
m
i
2
1T
A
B
V
.
t
u
p
n
I
y
l
p
p
u
S
s
r
e
w
o
p
d
n
a
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
t
l
o
v
t
u
p
n
I
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
3
1L
T
C
_
M
W
P
.
l
o
r
t
n
o
C
t
n
e
r
r
u
C
t
u
p
t
u
O
r
o
F
t
u
p
n
I
M
W
P
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
d
e
s
u
e
b
n
a
c
n
i
p
s
i
h
T
.
d
e
s
u
t
o
n
f
i
d
n
u
o
r
g
o
t
n
i
p
e
h
t
t
c
e
n
n
o
C
.
t
u
p
n
i
M
W
P
z
H
k
0
0
1
~
z
H
k
1
y
b
t
n
e
r
r
u
c
4
1L
T
C
_
C
D
.
l
o
r
t
n
o
C
t
n
e
r
r
u
C
t
u
p
t
u
O
r
o
F
t
u
p
n
I
C
D
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
d
e
s
u
e
b
n
a
c
n
i
p
s
i
h
T
a
t
c
e
n
n
o
C
.
d
n
u
o
r
g
d
n
a
F
E
R
e
h
t
n
e
e
w
t
e
b
n
i
p
e
h
t
o
t
s
r
o
t
s
i
s
e
r
g
n
i
t
c
e
n
n
o
c
y
b
t
n
e
r
r
u
c
.
d
e
s
u
t
o
n
f
i
d
n
u
o
r
g
o
t
r
o
t
i
c
a
p
a
c
F
u
1
.
0
5
1F
E
R
.
)
V
2
.
1
(
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
.
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
h
t
i
w
r
o
t
i
c
a
p
a
c
F
u
1
a
t
c
e
n
n
o
C
8
1
,
7
1
,
6
1S
C
.
t
u
p
t
u
O
e
c
r
u
o
S
t
n
e
r
r
u
C
.
e
c
r
u
o
s
t
n
e
r
r
u
c
f
o
n
i
p
t
u
p
t
u
o
e
g
a
t
l
o
V
2
2
,
1
2
,
0
2
,
9
1T
U
O
V
P
.
s
n
i
P
t
u
p
t
u
O
r
e
w
o
P
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
r
e
w
o
P
h
t
i
w
e
n
a
l
p
d
n
u
o
r
g
o
t
d
e
r
e
d
l
o
s
ll
e
w
e
b
d
l
u
o
h
s
d
a
p
d
e
s
o
p
x
e
e
h
T
.
n
o
i
t
c
u
d
n
o
c
l
a
m
r
e
h
t
e
v
i
t
c
e
f
f
e
r
o
f
s
a
i
v
e
l
p
i
t
l
u
m
Functional Pin Description
LX
VBAT
EN1
DC_CTL
PWM_CTL
GND
VOUT
CS
EN2
REF
FB
Buffer
Body Diode
Control
Bandgap
Bias
Filter
Control
Logic
0.25V
1.15V
Driver
OTP
FB_Sel
Soft-Start
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com