Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 1 Page - uPI Group Inc.

  UP6013PQAG Datasheet HTML 1Page - uPI Group Inc. UP6013PQAG Datasheet HTML 2Page - uPI Group Inc. UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
uP6013
Conceptual
1
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Hight Efficiency Synchronous Boost Converter
with 9A Typical Switch Current Limit
Quiescent Current <400uA
Shutdown Current <1uA
500kHz PWM Switching Frequency
Integrated Power MOSFET
Internal Soft-Start to Limit Inrush Current
Adjustable Output Voltage
Output Current Control through DC or PWM
Input
Protection:
Output Turn Off True Shutdown Function
Overload/Short-Circuit Protection
Input Under Voltage Lockout Protection
Current Limit Protection for Current Source
VQFN4x4 - 24L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pk
r
a
m
e
R
G
A
Q
P
3
1
0
6
P
uL
4
2
-
4
x
4
N
F
Q
V
High Efficiency Synchronous Rectifier Boost Converter
with PWM Output Current Control
Electronic Cigarette
Battery-Powered Products
Portable Devices
General Description
Applications
Ordering Information
Features
Note:
(1) Please check the sample/production availability with
uPI representatives.
(2) uPI products are compatible with the current IPC/JEDEC
J-STD-020 requirement. They are halogen-free, RoHS
compliant and 100% matte tin (Sn) plating that are suitable
for use in SnPb or Pb-free soldering processes.
The uP6013 is an electronic cigarette solution for products
powered by a single-cell Li-Ion or Li-Polymer battery. The
uP6013 is a high efficiency synchronous step-up converter
which integrates power MOSFETs, includes the output true
shutdown function and adjustable output current limit with
thermal fold back. The uP6013 uses a fixed-frequency
PWM current mode control at 500kHz for fast transient
response with internal compensation. Protect function
includes cycle-by-cycle current limit, short-circuit
protection, thermal fold back and over temperature
protection. The uP6013 is suitable for applications in
electronic cigarettes, tablet computers, smart phones, and
portable devices.
The uP6013 is available in a VQFN4x4 - 24L package.
GND
12
11
10
9
8
7
19
20
21
22
23
24
GND
PVOUT
FB
SVOUT
NC
VBAT
PVOUT
PVOUT
NC
NC
PVOUT
NC
Pin Configuration


Similar Part No. - UP6013PQAG

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6010QDDA UPI-UP6010QDDA Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6010QSW8 UPI-UP6010QSW8 Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014PDDA UPI-UP6014PDDA Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
More results

Similar Description - UP6013PQAG

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Feeling Technology Corp...
FP6276B FEELING-FP6276B Datasheet
638Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6276 FEELING-FP6276 Datasheet
618Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6277 FEELING-FP6277 Datasheet
627Kb / 12P
500kHz 7A High Efficiency Synchronous PWM Boost Converter
FP6296 FEELING-FP6296 Datasheet
627Kb / 13P
10A Current Mode Non-Synchronous PWM Boost Converter
logo
SHOUDING Shouding Semic...
SD6276 SHOUDING-SD6276 Datasheet
2Mb / 9P
10A Current Mode Non Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM9229 HMSEMI-HM9229 Datasheet
911Kb / 12P
10A Current Mode Non-Synchronous PWM Boost Converter
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com