Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP6013PQAG Datasheet HTML 2Page - uPI Group Inc. UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. UP6013PQAG Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
uP6013
Conceptual
6
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25
oC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.
(Note 1)
VBAT, PVOUT, SVOUT, LX, FB, CS, EN1, EN2, REF, PWM_CTL, DC_CTL to GND ------------------------------- -0.3V to +7V
Storage Temperature Range ----------------------------------------------------------------------------------------------------------- -65oC to +150oC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150oC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260oC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
(Note 4)
Operating Junction Temperature Range ----------------------------------------------------------------------------------- -40oC to +125oC
Operating Ambient Temperature Range -------------------------------------------------------------------------------------- -40oC to +85oC
Supply Input Voltage, V
IN --------------------------------------------------------------------------------------------------------------- +2.7V to +5V
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Package Thermal Resistance (Note 3)
VQFN4x4 - 24L θ
JA ---------------------------------------------------------------------------------------------------------------------- 40
oC/W
VQFN4x4 - 24L θ
JC ----------------------------------------------------------------------------------------------------------------------- 4
oC/W
Power Dissipation, P
D @ TA = 25
OC
VQFN4x4 - 24L ------------------------------------------------------------------------------------------------------------------------------------ 2.50W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com