Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 5 Page - uPI Group Inc.

  UP6013PQAG Datasheet HTML 1Page - uPI Group Inc. UP6013PQAG Datasheet HTML 2Page - uPI Group Inc. UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
uP6013
Conceptual
5
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Functional Description
Figure 3. Thermal Fold Back Control Timing
VIN
PWM_CTL
EN
DC_CTL = 0.7V
CS
50%
50%
25%
25%
50%
50%
Normal Operation
Thermal Fold Back
Duty = 50% of Normal Operation
Normal Operation
50%
50%
25%
25%
50%
50%
CS
PWM_CTL
Freq =
1kHz~100kHz
Duty = 50%
Normal Operation
Thermal Fold Back
Duty=50% of Normal Operation
Normal Operation
Figure 4. EN Sequence
50% of Normal Operation
Normal Operation
80
OC
CS Duty
Temperature
120
OC
Figure 2. Thermal Fold Back Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com