Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. UP6013PQAG Datasheet HTML 10Page - uPI Group Inc. UP6013PQAG Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
uP6013
Conceptual
7
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
s
e
i
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
SV
N
I
7
.
2-
-5
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
N
I
D
N
G
=
L
T
C
_
M
W
P
=
L
T
C
_
C
D
g
n
i
h
c
t
i
w
S
o
N
,
V
5
.
1
>
B
F
V
-
-0
0
30
0
4A
u
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
T
H
S
D
N
G
=
2
N
E
=
1
N
E-
-1
.
01
A
u
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
UV
O
L
V
U
e
g
d
E
g
n
il
l
a
F
N
I
V-
-3
.
24
.
2
V
e
g
d
E
g
n
i
s
i
R
N
I
V-
-5
.
26
.
2
e
g
a
t
l
o
V
t
u
p
t
u
O
F
E
RV
F
E
R
4
6
1
.
12
.
16
3
2
.
1V
y
t
il
i
b
a
p
a
C
t
n
e
r
r
u
C
t
u
p
t
u
O
F
E
RI
F
E
R
-
--
-2
.
0A
m
r
e
v
i
r
D
&
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
SF
C
S
O
0
5
30
0
50
5
6z
H
k
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
MD
X
A
M
6
81
96
9%
t
n
e
r
r
u
C
e
g
a
k
a
e
L
X
LI
K
L
_
X
L
-
-1
5
A
u
e
m
i
T
t
r
a
t
S
t
f
o
ST
S
S
-
-2
-
-s
m
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
R
P
-
S
D
-
-0
39
3mΩ
R
N
-
S
D
-
-0
26
2mΩ
e
c
r
u
o
S
t
n
e
r
r
u
C
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
S
CF
S
C
0
25
20
3z
H
k
t
n
e
r
r
u
C
e
g
a
k
a
e
L
S
CI
K
L
_
S
C
-
--
-1
A
u
)
S
O
M
-
P
(
e
c
n
a
t
s
i
s
e
R
S
O
M
S
CR
C
O
-
S
D
-
-0
55
6mΩ
t
i
m
i
L
t
n
e
r
r
u
C
S
O
M
S
CI
L
C
_
S
C
5
2
.
455
7
.
5A
y
t
u
D
n
O
m
u
m
i
n
i
M
S
CD
N
O
-
N
I
M
F
S
C
z
H
k
0
3
~
z
H
k
0
2
=-
-5
-
-%
y
c
a
r
u
c
c
A
l
o
r
t
n
o
C
y
t
u
D
S
CD
C
C
A
_
S
C
L
T
C
_
M
W
P
t
a
%
0
0
1
~
%
5
=
y
t
u
D
S
C
t
u
p
n
I
L
T
C
_
C
D
r
o
-
--
-5
-
/
+%
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
B
FV
B
F
8
0
2
.
17
2
2
.
16
4
2
.
1V
t
n
e
r
r
u
C
k
n
i
S
B
FI
B
F
-
--
-1
.
0A
u
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
I
T
U
O
M
C
C
t
a
A
m
0
0
1
>5
2
9
.
455
7
0
.
5
V
I
T
U
O
)
e
d
o
M
d
e
x
i
F
(
M
C
C
t
a
A
m
0
0
1
>-
-5
-
-
(V
IN = 3.6V, VOUT = 5V, L = 1uH, CIN = 47uF, COUT = 47uF, TA =25
oC, unless otherwise specified)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com