Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6013PQAG Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 4 Page - uPI Group Inc.

  UP6013PQAG Datasheet HTML 1Page - uPI Group Inc. UP6013PQAG Datasheet HTML 2Page - uPI Group Inc. UP6013PQAG Datasheet HTML 3Page - uPI Group Inc. UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
uP6013
Conceptual
4
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Functional Description
The uP6013 integrates an N-channel and P-channel
MOSFETs to realize a synchronous rectifier with a current
source of P-MOSFETs for output current regulation. The
power conversion efficiency is up to 90%. Since a typical
step-up converter has a conduction path from the input to
the output via the body diode of the P-channel MOSFET, a
specific circuit is used to reverse the polarity of the P-
channel body diode when the part is shutdown. It certainly
protects battery from being completely depleted during
shutdown.
Input Supply Voltage, V
IN
V
IN supplies current to internal control circuits and output
voltages. The supply voltage range is from 2.7V to 5V. A
power-on reset (POR) continuously monitors the input
supply voltage. The POR level is typically 2.5V at V
IN rising.
A minimum 47uF ceramic capacitor with shortest PCB
traces is highly recommended for bypassing the supply
input.
Current Limit Function
When the inductor current is higher than current limit
threshold, the current limit function activates and forces
the N-channel MOSFET to turn off the limit inductor current
cycle-by-cycle. If output voltage drops under 73% (Typ) of
setting, the short circuit protection (SCP) will be activated
and latch off the output of boost converter. To restart the
output after latch-off, please input enable signal again.
Output Voltage Setting and Feedback Network
The output voltage can be set from VFB to VOUT by a
voltage divider as:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
4
3
1
R
R
V
V
FB
OUT
The internal VREF is 1.227V with 1.5% accuracy. In real
applications, a 22pF feedforward ceramic capacitor is
recommended in parallel with R3 for better transient
responses.
Output Current Control
The uP6013 is built-in with a current source of P-MOSFETs
for output current control. The P-MOSFETs can be turned
on or turned off to regulate output current through a PWM
input (PWM_CTL) or DC input (DC_CTL). It supports
external PWM input frequency from 1kHz to 100kHz, the
relationship between PWM_CTL with CS Duty can be shown
as Figure 1.
When using DC input control, the output current duty
corresponds to DC_CTL is 0.25~1.15V and the DC control
input voltage can be achieved by setting the ratio of R1 and
R2 resistors.
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
2
1
2
2
.
1
_
R
R
R
V
CTL
DC
Then the DC control input voltage corresponds to output
current duty can be shown as:
Duty
Current
Output
V
V
MIN
CTL
DC
MAX
CTL
DC
=
−
−
−
9
.
0
_
_
Where
Input range of V
DC_CTL = 0.25V ~ 1.15 V
Keep V
DC_CTL between 0.25V and 1.15V, if VDC_CTL falls under
0.25V, the current source output will keep in minimum on
duty.
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
100
PWM_CTL = 1kHz
PWM_CTL = 100kHz
Fixed Mode
The uP6013 is implemented with a fixed 5V output voltage
function without the need of an external feedback voltage
divider. If the FB pin is shorted to GND during device start-
up, the uP6013 will automatically activate its internal
feedback network and regulate its output at 5V.
Over Temperature Protection (OTP)
The OTP is triggered and shuts down the uP6013 if the
junction temperature reaches higher than 160oC. The OTP
is a non-latch type of protection. The uP6013 automatically
initiates another soft start cycle if the junction temperature
drops below 140oC.
Thermal Fold Back
The thermal fold back function can monitor IC temperature
to keep heating wires continuously working. When the
junction temperature exceeds 120oC, the uP6013 will switch
into thermal fold back mode and current source duty cycle
will be set to 50% of normal operation to decrease output
current. The uP6013 will return to normal operation once
the junction temperature drops down to 80oC.
Figure 1. PWM_Duty vs. CS Duty
PWM_CTL Duty (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com