Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 14 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 14 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 10Page - Intel Corporation SCD1283 Datasheet HTML 11Page - Intel Corporation SCD1283 Datasheet HTML 12Page - Intel Corporation SCD1283 Datasheet HTML 13Page - Intel Corporation SCD1283 Datasheet HTML 14Page - Intel Corporation SCD1283 Datasheet HTML 15Page - Intel Corporation SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
14
Datasheet
3.2
Pin List
The following naming conventions are used in the pin-assignment tables:
• (*) after a name indicates that the signal is active-low
• ‘I’ indicates the pin is input-only
• ‘O’ indicates the pin is output-only
• ‘I/O’ indicates the pin is bidirectional
• ‘OD’ indicates an open-drain output that the user must tie to VCC through a pull-up resistor
(usually about 1 k
Ω)
• ‘TS’ indicates tristate
• ‘PU’ indicates pull-up, which must also be tied to VCC through a 1-kΩ resistor (note that all
six PU pins can be wire-OR’ed through the same pull-up resistor)
• ‘AR’ indicates active release (pin drives high and releases to OD)
• a ‘–’ indicates ascending pin numbers
• a ‘:’ indicates descending pin numbers
Pin
Names
Compati-
bility
Reverse
Nibble
Mode
Reverse
Byte
Mode
ECP Mode
EPP
Mode
Inputs
A_1284
SLCTIN*
A_1284
A_1284
A_1284
nAStrb
HstBsy
AUTOFD*
HstBsy
HstBsy
HstAck
nDStrb
HstClk
STROBE*
HstClk
HstClk
HstClk
nWrite
nInit
INIT*
nInit
nInit
nRevReq
nInit
Outputs
AkDaR
q
PError
AkDaRq
AkDaRq
nAkRev
USER1
PerBsy
BUSY
PerBsy
PerBsy
PerAck
nWait
PerClk
ACK*
PerClk
PerClk
PerClk
Intr
nDatAv
FAULT*
nDatAv
nDatAv
nPerReq
USER2
XFlag
SELECT
XFlag
XFlag
XFlag
USER3
Pin Name
Type
Number
of Pins
Pin
Numbers
Reset
State
A[6:0]
I
7
84–90
BYTESWAP
I
1
82
CLK
I
1
73
CLK/2
O
1
80
n/a
CS*
I
1
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com