Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 21 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 21 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation SCD1283 Datasheet HTML 19Page - Intel Corporation SCD1283 Datasheet HTML 20Page - Intel Corporation SCD1283 Datasheet HTML 21Page - Intel Corporation SCD1283 Datasheet HTML 22Page - Intel Corporation SCD1283 Datasheet HTML 23Page - Intel Corporation SCD1283 Datasheet HTML 24Page - Intel Corporation SCD1283 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
21
ODR
2D
0
0
0
0
A1284
nInit
HstBsy
HstClk
70
OVR
2B
PerBsy
PerClk
AkDaRq
xFlag
nDatAv
0
0
0
70
PCIER
22
0
0
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
71
PCISR
23
0
0
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
71
PCR
20
ManMd
E1284
ETxfr
Ig_SEL
HTmrTst[1]
HTmrTst[0]
MMDir
ManOE
71
SCR
2A
0
0
0
0
ClrPs
SetPs
EPIrq
RevRq
72
SPR
26
8-Bit Binary Value
73
SSR
2F
0
0
0
0
A1284
nInit
HstBsy
HstClk
74
ZDR
2C
0
0
0
0
A1284
nInit
HstBsy
HstClk
74
Table 5.
Special Register
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
RCR
05
10000001
74
Table 4.
Parallel Port Registers (Sheet 2 of 2)
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com