Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 18 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 18 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 14Page - Intel Corporation SCD1283 Datasheet HTML 15Page - Intel Corporation SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation SCD1283 Datasheet HTML 19Page - Intel Corporation SCD1283 Datasheet HTML 20Page - Intel Corporation SCD1283 Datasheet HTML 21Page - Intel Corporation SCD1283 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
18
Datasheet
NOTE: The above five parallel handshake signals are driven by the slave in an IEEE Std 1284 interface, and as such are
outputs from the CD1283. Their functions depend on the transfer protocol selected. Refer to the IEEE Std 1284-1994
document for protocol functions. (See Section 5.4.1 on page 33 for ordering information.)
EBDIR
49
O
EXTERNAL BUFFER DIRECTION: This signal is controlled by the internal parallel
port control state machine and can be used to control the direction of an external buffer
connected to the Parallel Port data bus. An external buffer might be desirable in
applications that require higher drive capacity than that provided by the CD1283.
EBDIR can be used in conjunction with PDBEN to control this buffer. EBDIR is a logic
‘0’ when the parallel data bus is in an output mode, and a logic ‘1’ when in an input
mode. It can be connected directly to the direction control input of a 74245-type device.
PDBEN
51
O
PARALLEL DATA BUS ENABLE: This signal can control a buffer on the Parallel Port
data lines in applications requiring more signal-drive capability than provided by the
CD1283. PDBEN is controlled by the internal Parallel Port control state machine.
When low, the parallel port data bus is not driving; when high, the port is in output
mode and is actively driving. PDBEN will toggle between the on and off states during
output modes and is only active (high) while the data bus pins are in the active driving
state. PDBEN can be logically connected to the enable control of 74245 (or equivalent)
bidirectional buffers (see Section 5.9 and Figure 11).
Symbol
Pin No.
Type
Description (Sheet 3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com