Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 46 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 46 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 42Page - Intel Corporation SCD1283 Datasheet HTML 43Page - Intel Corporation SCD1283 Datasheet HTML 44Page - Intel Corporation SCD1283 Datasheet HTML 45Page - Intel Corporation SCD1283 Datasheet HTML 46Page - Intel Corporation SCD1283 Datasheet HTML 47Page - Intel Corporation SCD1283 Datasheet HTML 48Page - Intel Corporation SCD1283 Datasheet HTML 49Page - Intel Corporation SCD1283 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
46
Datasheet
5.10.2
Interfacing to a MotorolaMicroprocessor-Based System
Interfacing to a Motorola 68000 family device is relatively simple. Bus timing and interface signal
definitions closely match those of the 68000 microprocessor, which allows a direct connection.
With later versions (68020, 68030), some additional logic is required to generate the DSACK0*
and DSACK1* functions that replace the DTACK* on earlier devices. Figure 14 shows a
generalized interface to a 68020 device.
Figure 14. Motorola68020 Interface
68020
CD1283
SYSTEM
CS*
A[6:0]
DB[15:0]
ADDRESS
DATA
DS*
R/W*
DS*
R/W*
IPL[2:0]
A[31:9]
A[8:2]
DSACK1*
DTACK*
FC[2:0]
AS*
DSACK0*
SVCREQP*
SVCACKP*
ADDRESS
DECODE
LOGIC
PRIORITY
ENCODING
TRANSFER
CONTROL
DMAREQ*
DMAACK*
DMA
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com