Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 53 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 53 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 49Page - Intel Corporation SCD1283 Datasheet HTML 50Page - Intel Corporation SCD1283 Datasheet HTML 51Page - Intel Corporation SCD1283 Datasheet HTML 52Page - Intel Corporation SCD1283 Datasheet HTML 53Page - Intel Corporation SCD1283 Datasheet HTML 54Page - Intel Corporation SCD1283 Datasheet HTML 55Page - Intel Corporation SCD1283 Datasheet HTML 56Page - Intel Corporation SCD1283 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
53
7.0
Detailed Register Descriptions
This section presents a detailed description of each register. Registers have two formats: full eight
bits, where the entire content defines a single function; or the register is a collection of bits,
grouped singly or in multiples, defining a function. In the second case, the descriptions divide the
register into its component parts and describe the bits individually. The registers are presented in
the same order as outlined in Chapter 4.0. Bits defined as ‘0’ should not be modified and, if values
other than ‘0’ are read, program execution should not be affected or software compatibility with
future revisions will be uncertain.
7.1
Global Registers
7.1.1
Access Enable Register
The AER provides binary compatibility with the CD1284. Users must program this register with
the least-significant bits set to ‘0’ to access the parallel channel; however, to perform a device reset
through the RCR, AER must = 02h. The contents of the upper 5 bits should be ignored when read.
7.1.2
Global Firmware Revision Code Register
The GFRCR serves two purposes in the CD1283. First, it displays the revision number of the
firmware in the device. When a revision to the CD1283 is required, the revision number of the
firmware is increments by one. The revision code is 24 (hex) for the Revision D device, and 25
(hex) for the Revision E device.
Secondly, this register can be used by the system programmer as an indication of when the internal
processor has completed reset procedures, after either a power-on reset (through the RESET*
input) or a software global reset (through the reset command in the CCR). Immediately after the
reset operation begins, the internal CPU clears the register. When complete, and the CD1283 is
ready to accept host accesses, the register is loaded with the revision code.
Register Name: AER
Register Description: Access Enable
Access: R/W
8-Bit Hex Address: 68
Default Value: XX
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXX
XX
0
0
0
Register Name: GFRCR
Register Description: Global Firmware Revision Code
Access: R/W
8-Bit Hex Address: 4F
Default Value: 25
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Firmware Revision Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com