Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1283 Datasheet(PDF) 63 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 63 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 59Page - Intel Corporation SCD1283 Datasheet HTML 60Page - Intel Corporation SCD1283 Datasheet HTML 61Page - Intel Corporation SCD1283 Datasheet HTML 62Page - Intel Corporation SCD1283 Datasheet HTML 63Page - Intel Corporation SCD1283 Datasheet HTML 64Page - Intel Corporation SCD1283 Datasheet HTML 65Page - Intel Corporation SCD1283 Datasheet HTML 66Page - Intel Corporation SCD1283 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
63
7.3.9
Parallel FIFO Empty Pointer Register
This register contains the internal empty location pointer of the FIFO. It identifies the location in
the FIFO from which the next byte of data will transfer from the FIFO.
The PFEP register is cleared by a device or FIFO reset.
7.3.10
Parallel FIFO Fill Pointer Register
This register holds the internal fill location pointer of the FIFO. It identifies the location in the
FIFO to receive the next data byte from the pipeline.
The PFFP register is cleared by a device or FIFO reset.
7.3.11
Parallel FIFO Holding Registers
2
Set Tag: This bit specifies that the next character written to the parallel channel through the PFHR1 is to be tagged
as an ECP or EPP special character. This bit is cleared by the write to PFHR1, thus this bit must be set each time a
tagged character is to be written.
1
Error Interrupt Enable: This bit enables a non-zero DataErr status to cause an interrupt (if IntEn is also set).
0
DMA Buffer Write Enable: This bit must be set to enable host writes to the DMABUF register. It also enables the
FIFO data pipeline to empty DMABUF when it has been written to by the host system. In this case, the system will
write to the DMA buffer and not use DMA transfers, providing a low-performance alternative to DMA transfers.
Bit
Description (Continued) (Sheet 2 of 2)
Register Name: PFEP
Register Description: Parallel FIFO Empty Pointer
Access: R/W
8-Bit Hex Address: 39
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
0
0
6-Bit Binary FIFO Pointer Value
Register Name: PFFP
Register Description: Parallel FIFO Fill Pointer
Access: R/W
8-Bit Hex Address: 38
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
0
0
6-Bit Binary FIFO Pointer Value
Register Name: PFHR1
Register Description: Parallel FIFO Holding Register 1
Access: R/W
8-Bit Hex Address: 35
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8-Bit Character Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com