Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8191 Datasheet HTML 1Page - ON Semiconductor CS8191 Datasheet HTML 2Page - ON Semiconductor CS8191 Datasheet HTML 3Page - ON Semiconductor CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS8191
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Function Generator Output Voltage vs.
Degrees of Deflection
Figure 3. Charge Pump Output Voltage vs.
Output Angle
0
45
90
135
180
225
270
315
0
45
90
135
180
225
270
315
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Frequency/Output Angle (
°)
Degrees of Deflection (
°)
Theoretical Angle (
°)
7.0 V
7.0 V
–7.0 V
–7.0 V
Θ Angle
(VCOS+) – (VCOS–)
(VSINE+) – (VSINE–)
Q + ARCTAN
VSIN
) * VSIN *
VCOS
) * VCOS *
Figure 4. Output Angle in Polar Form
Figure 5. Nominal Output Deviation
0
45
90
135
180
270
315
225
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
COS
SIN
Figure 6. Nominal Angle vs. Ideal Angle (After Calibrating at 180
5)
Nominal Angle (Degrees)
0
5
10
20
25
30
35
40
15
45
15
9
13
17
33
41
29
21
25
37
45
Ideal Degrees
Nominal Degrees
F VOUT + 2.0 V ) 2.0
FREQ
CCP
RT
(VREG * 0.7 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com