Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8191 Datasheet HTML 1Page - ON Semiconductor CS8191 Datasheet HTML 2Page - ON Semiconductor CS8191 Datasheet HTML 3Page - ON Semiconductor CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 4
1
Publication Order Number:
CS8191/D
CS8191
Precision Air-Core
Tach/Speedo Driver with
Short Circuit Protection
The CS8191 is specifically designed for use with 4 quadrant
air–core meter movements. The IC includes an input comparator for
sensing input frequency such as vehicle speed or engine RPM, a
charge pump for frequency to voltage conversion, a bandgap reference
for stable operation and a function generator with sine and cosine
amplifiers that differentially drive the meter coils.
The CS8191 has a higher torque output and better output signal
symmetry than other competitive parts (CS289, and LM1819). It is
protected against short circuit and overvoltage (60 V) fault conditions.
Enhanced circuitry permits functional operation down to 8.0 V.
Features
• Direct Sensor Input
• High Output Torque
• Wide Output Voltage Range
• High Impedance Inputs
• Accurate Down to 10 V V
CC
• Fault Protection
– Overvoltage
– Short Circuit
– Low Voltage Operation
• Internally Fused Leads in DIP–16 and SO–20L Packages
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS8191XNF16
DIP–16
25 Units/Rail
CS8191XDWF20
SO–20L
37 Units/Rail
CS8191XDWFR20
SO–20L
1000 Tape & Reel
DIP–16
NF SUFFIX
CASE 648
16
1
SQOUT
FREQIN
SINE+
SINE–
COS+
COS–
GND
GND
GND
GND
CP–
BIAS
CP+
VREG
F/VOUT
VCC
PIN CONNECTIONS AND
MARKING DIAGRAM
1
16
SO–20L
DWF SUFFIX
CASE 751D
1
20
COS+
COS–
NC
NC
GND
GND
GND
GND
NC
NC
CP–
BIAS
CP+
VREG
F/VOUT
VCC
SIN+
SIN–
SQOUT
FREQIN
1
20
DIP–16
SO–20L
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week


Similar Part No. - CS8191

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
CS8191XDWF20 CHERRY-CS8191XDWF20 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
CS8191XDWFR20 CHERRY-CS8191XDWFR20 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
CS8191XNF16 CHERRY-CS8191XNF16 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
More results

Similar Description - CS8191

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
ON Semiconductor
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com