Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8191 Datasheet HTML 1Page - ON Semiconductor CS8191 Datasheet HTML 2Page - ON Semiconductor CS8191 Datasheet HTML 3Page - ON Semiconductor CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8191
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ 105°C, 8.0 V ≤ VCC ≤ 16 V, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Section
ICC Supply Current
VCC = 16 V, –40°C, No Load
–
70
125
mA
VCC Normal Operation Range
–
8.0
13.1
16
V
Input Comparator Section
Positive Input Threshold
–
2.4
2.7
3.0
V
Negative Input Threshold
–
2.0
2.3
–
V
Input Hysteresis
–
200
400
1000
mV
Input Bias Current (Note 3.)
0 V
≤ VIN ≤ 8.0 V
–
–2.0
±10
µA
Input Frequency Range
–
0
–
20
kHz
Input Voltage Range
in series with 1.0 k
Ω
–1.0
–
VCC
V
Output VSAT
ICC = 10 mA
–
0.15
0.40
V
Output Leakage
VCC = 7.0 V
–
–
10
µA
Logic 0 Input Voltage
–
2.0
–
–
V
Voltage Regulator Section
Output Voltage
–
6.50
7.00
7.50
V
Output Load Current
–
–
–
10
mA
Output Load Regulation
0 to 10 mA
–
10
50
mV
Output Line Regulation
8.0 V
≤ VCC ≤ 16 V
–
20
150
mV
Power Supply Rejection
VCC = 13.1 V, 1.0 VP/P 1.0 kHz
34
46
–
dB
Charge Pump Section
Inverting Input Voltage
–
1.5
2.0
2.5
V
Input Bias Current
–
–
40
150
nA
VBIAS Input Voltage
–
1.5
2.0
2.5
V
Non Invert. Input Voltage
IIN = 1.0 mA
–
0.7
1.1
V
Linearity (Note 4.)
@ 0, 87.5, 175, 262.5, + 350 Hz
–0.10
0.28
+0.70
%
F/VOUT Gain
@ 350 Hz, CCP = 0.0033 µF,
RT = 243 kΩ
7.0
10
13
mV/Hz
Norton Gain, Positive
IIN = 15 µA
0.9
1.0
1.1
I/I
Norton Gain, Negative
IIN = 15 µA
0.9
1.0
1.1
I/I
Function Generator Section: –40
5C 3 TA 3 85°C, VCC = 13.1 V unless otherwise noted.
Differential Drive Voltage
(VCOS+ – VCOS–)
10 V
≤ VCC ≤ 16 V
Θ = 0°
7.5
8.0
8.5
V
Differential Drive Voltage
(VSIN+ – VSIN–)
10 V
≤ VCC ≤ 16 V
Θ = 90°
7.5
8.0
8.5
V
Differential Drive Voltage
(VCOS+ – VCOS–)
10 V
≤ VCC ≤ 16 V
Θ = 180°
–8.5
–8.0
–7.5
V
Differential Drive Voltage
(VSIN+ – VSIN–)
10 V
≤ VCC ≤ 16 V
Θ = 270°
–8.5
–8.0
–7.5
V
3. Input is clamped by an internal 12 V Zener.
4. Applies to % of full scale (270
°).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com