Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8191 Datasheet HTML 1Page - ON Semiconductor CS8191 Datasheet HTML 2Page - ON Semiconductor CS8191 Datasheet HTML 3Page - ON Semiconductor CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS8191
http://onsemi.com
2
BIAS
CP+
SQOUT
FREQIN
COS+
Charge Pump
Voltage
Regulator
SINE–
High Voltage, Short
Circuit Protection
VREG
F/VOUT
CP–
VREG
GND
SINE+
Figure 1. Block Diagram
-
+
-
+
-
+
-
+
7.0 V
GND
GND
GND
+
-
-
+
Function
Generator
COS–
COS
Output
VCC
SINE
Output
Input
Comp.
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage, VCC
< 100 ms Pulse Transient
Continuous
60
24
V
V
Operating Temperature Range
–40 to +105
°C
Junction Temperature Range
–40 to +150
°C
Storage Temperature Range
–55 to +165
°C
Elecrostatic Discharge (Human Body Model)
4.0
kV
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1.)
Reflow: (SMD styles only) (Note 2.)
260 peak
230 peak
°C
°C
1. 10 seconds maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com