Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor CS8191 Datasheet HTML 10Page - ON Semiconductor CS8191 Datasheet HTML 11Page - ON Semiconductor CS8191 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS8191
http://onsemi.com
10
In some cases a designer may wish to use the CS8191 only
as a driver for an air–core meter having performed the F/V
conversion elsewhere in the circuit.
Figure 11 shows how to drive the CS8191 with a DC
voltage ranging from 2.0 V to 6.0 V. This is accomplished by
forcing a voltage on the F/VOUT lead. The alternative scheme
shown in Figure 12 uses an external op amp as a buffer and
operates over an input voltage range of 0 V to 4.0 V.
Figure 11. Driving the CS8191 from an External
DC Voltage
–
+
BIAS
100 k
Ω
10 k
Ω
N/C
F/VOUT
CP–
VREG
2.0 V to 6.0 V DC
VIN
CS8191
Figures 11 and 12 are not temperature compensated.
Figure 12. Driving the CS8191 from an External
DC Voltage Using an Op Amp Buffer
+
–
CP–
100 k
Ω
F/VOUT
0 V to 4.0 V DC
VIN
CS8191
BIAS
+
–
100 k
Ω
10 k
Ω
100 k
Ω
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com