Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8191 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8191 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS8191 Datasheet HTML 4Page - ON Semiconductor CS8191 Datasheet HTML 5Page - ON Semiconductor CS8191 Datasheet HTML 6Page - ON Semiconductor CS8191 Datasheet HTML 7Page - ON Semiconductor CS8191 Datasheet HTML 8Page - ON Semiconductor CS8191 Datasheet HTML 9Page - ON Semiconductor CS8191 Datasheet HTML 10Page - ON Semiconductor CS8191 Datasheet HTML 11Page - ON Semiconductor CS8191 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CS8191
http://onsemi.com
9
1
CS8441
Odometer
Air Core
Stepper Motor
200
Ω
Figure 10. Speedometer With Odometer or Tachometer Application
COSINE
SINE
Air Core
Gauge
Speedometer
VCC
F/VOUT
VREG
CP+
CP–
GND
GND
COS+
SINE+
SQOUT
BIAS
GND
GND
COS–
SINE–
FREQIN
1
Notes:
1. The product of C4and RT have a direct effect on gain and therefore directly
affect temperature compensation.
2. C4 Range; 20 pF to 0.2
µF.
3. R4 Range; 100 k
Ω to 500 kΩ.
4. The IC must be protected from transients above 60 V and reverse battery conditions.
5. Additional filtering on the FREQIN lead may be required.
6. Gauge coil connections to the IC must be kept as short as possible (
≤ 3.0 inch)
for best pointer stability.
Battery
GND
Typical Speedometer
Input
R2
C3
C1
D2
R1
D1
0.1
µF
3.9,
500 mW
50 V,
500 mW Zener
1.0 A,
600 PIV
10 k
Ω
0.1
µF
C4
0.47
µF
R4
1.0 k
Ω
CCP
0.0033
µF,
+/–30 PPM/
°C
R3
3.0 k
Ω
RT
Trim Resistor,
+/–20 PPM/
°C
C2
10
µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com