Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 58Page - STMicroelectronics STV0974TR Datasheet HTML 59Page - STMicroelectronics STV0974TR Datasheet HTML 60Page - STMicroelectronics STV0974TR Datasheet HTML 61Page - STMicroelectronics STV0974TR Datasheet HTML 62Page - STMicroelectronics STV0974TR Datasheet HTML 63Page - STMicroelectronics STV0974TR Datasheet HTML 64Page - STMicroelectronics STV0974TR Datasheet HTML 65Page - STMicroelectronics STV0974TR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
62/61
STV0974
Package mechanical data
6.2
Package dimensions
.
Table 45: TFBGA 6x6x1.20 56 2R10 0.50 - Package dimensions a b c
a. Max mounted height is 1.20mm. Based on a 0.27mm ball pad diameter.
Solder paste is 0.15mm thickness and 0.27mm diameter.
b. TFBGA stands for Thin Profile Fine Pitch Ball Grid Array.
Thin profile:
-The total profile height (Dim A) is measured from the seating plane to the top component
- A = (1.01 to 1.20) mm
- Fine pitch: e>1.00mm pitch
c. The terminal A1 corner must be identified on the top surface of the package by using a corner
chamfer, ink or metallized markings, indentation or other feature of package body or integral
heatslug.
- A distinguishing feature is allowable on the bottom surface of the package to identify the terminal
A1 corner.
Reference
Min.
Typ.
Max.
Unit
A
1.010
1.200
mm
A1
0.150
mm
A2
0.820
mm
b
0.250
0.300
0.350
mm
D
5.850
6.000
6.150
mm
D1
4.500
mm
E
5.850
6.000
6.150
mm
E1
4.500
mm
e
0.500
mm
F
0.600
0.750
0.900
mm
ddd
0.080
mm
.eee d
d. The tolerance of position that controls the location of the pattern of balls with respect to datums A
and B. For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located
on true position with respect to datums A and B as defined by e. The axis perpendicular to datum
C of each ball must lie within this tolerance zone.
0.15
mm
.fff e
e. The tolerance of position that controls the location of the balls within the matrix with respect to
each other. For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and
located on true position as defined by e. The axis perpendicular to datum C of each ball must lie
within this tolerance zone. Each tolerance zone fff in the array is contained entirely in the
respective zone eee above. The axis of each ball must lie simultaneously in both tolerance zones.
0.05
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com