Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 21Page - STMicroelectronics STV0974TR Datasheet HTML 22Page - STMicroelectronics STV0974TR Datasheet HTML 23Page - STMicroelectronics STV0974TR Datasheet HTML 24Page - STMicroelectronics STV0974TR Datasheet HTML 25Page - STMicroelectronics STV0974TR Datasheet HTML 26Page - STMicroelectronics STV0974TR Datasheet HTML 27Page - STMicroelectronics STV0974TR Datasheet HTML 28Page - STMicroelectronics STV0974TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
Functional description
STV0974
25/61
Interrupt Mask Register (IMASK)
Interrupt Clear Register (ICLR)
FIFO Threshold Register (FTHR)
This register is used to program values such as 1 (flush), 16 or 32 (DMA burst) or any greater value
up to 2032 for interrupt driven data transfer. Note that for proper DMA operation, ‘threshold’ must be
greater than or equal to the DMA burst size (MICR[BSIZE]).
Table 16: Interrupt Mask Register
Bits
Name
Type
Description
[7:6]
-
-
Reserved
[5:0]
IMASK
RW
Each IMASK bit set to ‘1’ enables the corresponding interrupt source bit in the status
register (SR)
Table 17: Interrupt Clear Register
Bits
Name
Type
Description
[7:6]
-
-
Reserved
[5:2]
ICLR
WO
Each ICLR bit written with a ‘1’ clears the corresponding interrupt source bit in the
status register (SR). Writing a ‘0’ has no effect
[1:0]
-
-
Reserved
Table 18: FIFO threshold register
Description
FTRH
Holds the FIFO threshold value
NE = 1
threshold = 1
(TH is ignored)
NE = 0
threshold = TH * 16
(TH valid range is [1, 2...127])
Table 19: FIFO Threshold Register
Bits
Name
Type
Description
[15:11]
-
-
Reserved
[10:4]
TH
RW
Threshold value in 16-byte increments.
[3:1]
-
-
Reserved
0
NE
RW
Not Empty:
1 = Force threshold to 1 (TH is ignored)
0 = Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com