Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 46Page - STMicroelectronics STV0974TR Datasheet HTML 47Page - STMicroelectronics STV0974TR Datasheet HTML 48Page - STMicroelectronics STV0974TR Datasheet HTML 49Page - STMicroelectronics STV0974TR Datasheet HTML 50Page - STMicroelectronics STV0974TR Datasheet HTML 51Page - STMicroelectronics STV0974TR Datasheet HTML 52Page - STMicroelectronics STV0974TR Datasheet HTML 53Page - STMicroelectronics STV0974TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
50/61
STV0974
Functional description
Note:
If the scaling factor it too high and the cropped image size is bigger than the full source image, the
scaling factor is automatically set to the closest possible high value.
MMS Downscale zoom
This section contains an example of how the low level scalar registers can be used to implement a
down scale ‘zoom’ feature suitable for MMS applications. The example assumes that the desired
output image size is 160 x 120 pixels. The choice of output image size will limit the number of
scaling options available. In this example we are able to select scaling factors 1, 1.5, 2, 2.5, 3 and 4.
The source image from which the scaled output images are derived is always the full VGA array,
640 x 480 pixels.
If a smaller output image is chosen, 96 x 80 for example, then clearly the entire scaling factor range
would be available.
With reference to the example below (
Figure 29), a scaling factor of 4 actually yields a ‘zoom’ of 1.
This implies that the full scene field of view is preserved within the output image but heavily scaled.
To ensure that the smaller scaling factors produce the same output image size it is necessary for
the video processor to crop the source VGA image prior to scaling. This has the effect of limiting the
scene field of view but yields the ‘zoom’ effect.
Still / Live Scaling
factor
0x806D
R/W
A
I
RRRR.RDDD
0000.0001
Scaling factor in Still/Live:
0: Reserved
1: x1 (Default)
2: x2
3: x3
4: x4
5: x5
6: x6
7: x1.5
8: x2.5
Table 34: Scaler low-level control
Name
Index
R/W
State
code
Data
type
Format
default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com