Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 33Page - STMicroelectronics STV0974TR Datasheet HTML 34Page - STMicroelectronics STV0974TR Datasheet HTML 35Page - STMicroelectronics STV0974TR Datasheet HTML 36Page - STMicroelectronics STV0974TR Datasheet HTML 37Page - STMicroelectronics STV0974TR Datasheet HTML 38Page - STMicroelectronics STV0974TR Datasheet HTML 39Page - STMicroelectronics STV0974TR Datasheet HTML 40Page - STMicroelectronics STV0974TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
Functional description
STV0974
37/61
Viewfinder to live/ Live to viewfinder The sensor field and frame lengths are set according to the
user defined Live/Capture frame rate and data output format. The latency of this transition is
minimal. See
Figure 25 below.
Idle to capture Data is grabbed as fast as possible for exposure and white balance convergence.
When the system is stable (or timed-out), the user settings are sent to the sensor. See
Figure 26.
Viewfinder to capture Two cases can occur:
1 The system (exposure, white balance) is already stable in viewfinder mode. The user settings
are sent to the sensor. The processed frame is sent after a short latency.
2 The system has not stabilized. STV0974 enters transient mode and, when stable, automatically
goes into Capture mode.
Figure 25: Viewfinder to live or live to viewfinder
Figure 26: Idle to capture timing
SCL/SDA
974 Mode
Goto
MSCL/MSDA
Sensor Mode
Video Active
VF or Live
STV0974
output data
other streaming
mode
Live/VF
1 frame max.
2 frames max.
SCL/SDA
974 mode
Output link
MSCL/MSDA
Sensor mode
Input link
capture
Idle
Capture in progress
Capture
Video active
3 ms max.
Max = 20 frames @ maximum frame rate max 2 frames
Mean ~8 frames
Min. = 1 frame
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com