Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 34Page - STMicroelectronics STV0974TR Datasheet HTML 35Page - STMicroelectronics STV0974TR Datasheet HTML 36Page - STMicroelectronics STV0974TR Datasheet HTML 37Page - STMicroelectronics STV0974TR Datasheet HTML 38Page - STMicroelectronics STV0974TR Datasheet HTML 39Page - STMicroelectronics STV0974TR Datasheet HTML 40Page - STMicroelectronics STV0974TR Datasheet HTML 41Page - STMicroelectronics STV0974TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
38/61
STV0974
Functional description
Once the image is sent, the STV0974 automatically returns to Idle. See
Figure 27.
Idle to Flash In idle mode, white balance must be set to a fixed setting (automatic white balance
setting is not recommended as no convergence is applied) and the “delay transfer mode” must be
set to 0 (no frame delay). When changing to flash mode, the maximum frame rate is automatically
set with respect to data format. The first frame is captured, processed and transferred by the
STV0974. The system automatically goes back to idle mode.
Figure 28 illustrates the timing in flash
mode.
When setting the torch mode, the flash mode should not be used. All the standard operating modes
like ViewFinder, still capture or live operate normally. As an example, the automatic white balance
and exposure control as well as “delay transfer mode” can be active if required.
Figure 27: Viewfinder to capture timing
Figure 28: Flash mode diagram
SCL/SDA
974 mode
MSCL/MSDA
Sensor mode
capture
ViewFinder
Capture in progress
Capture
Video active
Max 1 frame
Max 20 frames
Max 2 frames
Min = 0 frame
Note:
1 If the system exposure and white balance is already stable, the maximum delay is 1 frame.
(
Note 1)
STV0974
output data
VisionLink data
Exposure time
Sensor data
Strobe request
from host
Flash Strobe
pulse (DIO12 pin)
STV0974
data out
Exposure time of pixels is automatically set to maximum exposure time
Strobe pulse width is clipped to a maximum of 8 lines
output
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com