Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 29Page - STMicroelectronics STV0974TR Datasheet HTML 30Page - STMicroelectronics STV0974TR Datasheet HTML 31Page - STMicroelectronics STV0974TR Datasheet HTML 32Page - STMicroelectronics STV0974TR Datasheet HTML 33Page - STMicroelectronics STV0974TR Datasheet HTML 34Page - STMicroelectronics STV0974TR Datasheet HTML 35Page - STMicroelectronics STV0974TR Datasheet HTML 36Page - STMicroelectronics STV0974TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
Functional description
STV0974
33/61
4.8
Clock input
This block generates all the necessary internal clocks from an input range defined in
Table 22. The
input clock pad accepts up to 26 MHz signals.
Table 22: System input clock frequency range
System clock frequencya
a. Standard supported input frequencies (in MHz):
6.5, 8.4, 9, 9.6, 9.72, 12,13, 16.8, 18, 19.2, 19.44, 26
Min. (MHz)
Max. (MHz)
6.5
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com