Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 49Page - STMicroelectronics STV0974E Datasheet HTML 50Page - STMicroelectronics STV0974E Datasheet HTML 51Page - STMicroelectronics STV0974E Datasheet HTML 52Page - STMicroelectronics STV0974E Datasheet HTML 53Page - STMicroelectronics STV0974E Datasheet HTML 54Page - STMicroelectronics STV0974E Datasheet HTML 55Page - STMicroelectronics STV0974E Datasheet HTML 56Page - STMicroelectronics STV0974E Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
Electrical characteristics
STV0974
53/61
5
Electrical characteristics
5.1
Absolute maximum ratings
Caution: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
5.2
Operating conditions
5.3
Thermal data
Symbol
Parameter
Value
Unit
VDD
(including
VCORE &
VDDPOR)
Supply voltage
-0.5 to +2.2
V
Voltage on any signal pin
-0.5 to (VDD + 0.5)
V
IDD
Supply current
100
mA
Current on any signal pin
±10
mA
TSTO
Storage temperature
-40 to 150
°C
TLEAD, 974E
Lead temperature (soldering, 10 s) for lead-free package
+260
°C
TLEAD, 974
Lead temperature (soldering, 10 s) for leaded package
+225
°C
Symbol
Parameter
Value
Unit
VDD
Supply voltage
+1.7 to +1.9
V
TA
Ambient temperature
-25 to +70
°C
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient thermal resistance - TFBGA56a
a. Typical, measured with the component mounted on an evaluation PC board in free air.
65
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com