Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 52Page - STMicroelectronics STV0974E Datasheet HTML 53Page - STMicroelectronics STV0974E Datasheet HTML 54Page - STMicroelectronics STV0974E Datasheet HTML 55Page - STMicroelectronics STV0974E Datasheet HTML 56Page - STMicroelectronics STV0974E Datasheet HTML 57Page - STMicroelectronics STV0974E Datasheet HTML 58Page - STMicroelectronics STV0974E Datasheet HTML 59Page - STMicroelectronics STV0974E Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
56/61
STV0974
Electrical characteristics
5.5.3
I2C master timing
Figure 31: I2C slave timing
Table 40: I2C master timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
MSCL clock frequency a
a. 200 kHz recommended through system patch. Please contact ST for details.
200
400
kHz
tLOW
Clock pulse width low
1.1
µs
tHIGH
Clock pulse width high
0.6
µs
tBUF
Bus free time between transmissions
1.3
µs
tHD.STA
Start hold time
0.6
µs
tSU.STA
Start set-up time
0.6
µs
tHD.DAT
Data in hold time
0.15
0.9
µs
tSU.DAT
Data in set-up time
100
ns
tR
MSCL / MSDA rise time b
b. Measured from 0.1 to 0.9 or 0.9 to 0.1 VDD and with 4.7 k pull-up resistor and 100pF maximum
capacitance on both MSDA and MSCL.
300
ns
tF
MSCL / MSDA fall time b
300
ns
tSU.STO
Stop set-up time
0.6
µs
tDH
Data out hold-time
0
0.6
0.9
µs
Stop
Start
tBUF
tLOW
tR
tF
tHIGH
tHD.STA
tHD.DAT
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
SCL
SDA
Start
Stop
Note:
tDH is the same timing as tHD.DAT. tDH is a value driven by the STV0974. tHD.DAT is the value
when the host is driving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com