Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 51Page - STMicroelectronics STV0974E Datasheet HTML 52Page - STMicroelectronics STV0974E Datasheet HTML 53Page - STMicroelectronics STV0974E Datasheet HTML 54Page - STMicroelectronics STV0974E Datasheet HTML 55Page - STMicroelectronics STV0974E Datasheet HTML 56Page - STMicroelectronics STV0974E Datasheet HTML 57Page - STMicroelectronics STV0974E Datasheet HTML 58Page - STMicroelectronics STV0974E Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
Electrical characteristics
STV0974
55/61
5.5
AC electrical characteristics
5.5.1
CLK
5.5.2
I2C slave timing
Table 38: CLK electrical characteristics (
Figure 30)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCDC
DC coupled square wave voltage
1.7
1.8
1.9
Vp-p
fCLK
Clock frequency input
6.5
13
26
MHz
Figure 30: CLK electrical characteristics
Table 39: I2C slave timing (
Figure 31)
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
400
kHz
tLOW
Clock pulse width low
1.3
µs
tHIGH
Clock pulse width high
0.6
µs
tSP
Pulse width of spikes which are suppressed by the
input filter
50
ns
tBUF
Bus free time between transmissions
1.3
µs
tHD.STA
Start hold time
0.6
µs
tSU.STA
Start set-up time
0.6
µs
tHD.DAT
Data in hold time
0.15
0.9
µs
tSU.DAT
Data in set-up time
100
ns
tR
SCL / SDA rise timea
a. Measured from 0.1 to 0.9 or 0.9 to 0.1 VDD and with 4.7 k pull-up resistor and 100pF maximum
capacitance on both SDA and SCL.
300
ns
tF
SCL / SDA fall timea
300
ns
tSU.STO
Stop set-up time
0.6
µs
tDH
Data out hold-time
0
0.6
0.9
µs
1/fCLK
VCDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com