Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 42Page - STMicroelectronics STV0974E Datasheet HTML 43Page - STMicroelectronics STV0974E Datasheet HTML 44Page - STMicroelectronics STV0974E Datasheet HTML 45Page - STMicroelectronics STV0974E Datasheet HTML 46Page - STMicroelectronics STV0974E Datasheet HTML 47Page - STMicroelectronics STV0974E Datasheet HTML 48Page - STMicroelectronics STV0974E Datasheet HTML 49Page - STMicroelectronics STV0974E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
46/61
STV0974
Functional description
Register group 3
Note:
YCbCr control registers are common for still/live and ViewFinder modes. As a consequence, if
different settings are applied in these modes and if for example still capture is requested from
ViewFinder mode, it is recommended to set a “transfer mode delay” corresponding to 1 frame
minimum, and also to respect a minimum wait of half of a frame prior to changing the YCbCr
settings.
Table 30: Color management [register group 3]
Name
Index
R/W
State
code
Data
type
Format
default
Description
Still / live Gamma
Standard Gain
0xA300
R/W
A
I
RRRR.DDDD
0000.0011
Bit[3:0]: gain for standard Gamma
curve
Still / live Gamma
S-Curve gain
0xA301
R/W
A
M
XXXX.DDDD
DDDD.XXXX
0100.0100
Bit[3:0]: Gain for low S-curve part
Bit[7:4]: Gain for high S-curve part
Still / live Gamma
Misc.
0xA302
R/W
A
M
XRRR.DDDD
DRRR.XXXX
1000.0000
Bit[3:0]: S-curve pedestal
bit [7] = 1 Standard Gamma
bit[7] = 0 S-curve Gamma
Viewfinder
Gamma
Standard Gain
0xA303
R/W
A
M
RRRR.DDDD
0000.0100
Bit[3-0]: Gain for standard Gamma
curve
Viewfinder
Gamma
S-Curve gain
0xA304
R/W
A
M
XXXX.DDDD
DDDD.XXXX
0100.0100
Bit[3-0]: Gain for low S-Curve part
Bit[7-4]: Gain for high S-Curve part
Viewfinder
Gamma Misc.
0xA305
R/W
A
M
XRRR.DDDD
DRRR.XXXX
1000.0000
Bit[3:0]: S-curve pedestal
bit [7] = 1 Standard Gamma
bit [7] = 0 S-curve Gamma
YCbCr Control
Y range
0xA306
R/W
A
I
DDDD.DDDD
1000.0000
Y range value
(contrast enhancement)
YCbCr Control
Y ceiling
0xA307
R/W
A
M
DDDD.XXXX
0001.0000
Bit[7:4]: Ceiling value
YCbCr Control
Y floor
0xA308
R/W
A
M
DDDD.XXXX
0000.0000
Bit[3:0]: Floor value (signed value
in 2’s complement)
YCbCr Control
CbCr saturationa
a. The maximum register value allowed is 144. For higher saturation capabilities, contact ST support.
0xA309
R/W
A
I
DDDD.DDDD
1000.0000
CbCr saturation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com