Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 47 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 43Page - STMicroelectronics STV0974E Datasheet HTML 44Page - STMicroelectronics STV0974E Datasheet HTML 45Page - STMicroelectronics STV0974E Datasheet HTML 46Page - STMicroelectronics STV0974E Datasheet HTML 47Page - STMicroelectronics STV0974E Datasheet HTML 48Page - STMicroelectronics STV0974E Datasheet HTML 49Page - STMicroelectronics STV0974E Datasheet HTML 50Page - STMicroelectronics STV0974E Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
Functional description
STV0974
47/61
Register group 4
Register Group 5
Table 31: Exposure management [Register group 4]
Name
Index
R/W
State
code
Data
type
Format
default
Description
AC Frequency
0xA400
R/W
S I
B
DDDD.DDDD
0011.0010
AC Frequency in Hz
Exposure
weighting
0xA401
R/W
A
I
RRRR.RRDD
0000.0000
Zone weight:
[3]: Reserved
[2]: Backlit
[1]: Centered
[0]: Flat
Exposure
compensation
0xA402
R/W
A
I
DDDD.DDDD
0001.1001
One unit of compensation is
equivalent to 1/3 EV.
Default value is equivalent to 0 EV.
[Default - 2] is equivalent to -2/3
EV.
Valid range is 0 to 36
Table 32: White balance management [register group 5]
Name
Index
R/W
State
code
Data
type
Format
default
Description
White Balance
Mode
0xA500
R/W
A
I
RRRR.DDDD
0000.0001
[15-9]: Reserved
[8]: Reserved
[7]: Reserved
[6]: Reserved
[5]: Reserved
[4]: User manual (using registers
below)
[3]: Reserved
[2]: Reserved
[1]: Automatic
[0]: Off
Manual White
Balance
Red channel
0xA501
R/W
A
C
DDDD.DDDD
0000.0000
White balance user setting for the
red channel gain.
Contact ST for support.
Manual White
Balance
Green channel
0xA502
R/W
A
C
DDDD.DDDD
0000.0000
White balance user setting for the
green channel gain.
Contact ST for support.
Manual White
Balance
Blue channel
0xA503
R/W
A
C
DDDD.DDDD
0000.0000
White balance user setting for the
blue channel gain.
Contact ST for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com