Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974E Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV0974E
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974E Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV0974E Datasheet HTML 37Page - STMicroelectronics STV0974E Datasheet HTML 38Page - STMicroelectronics STV0974E Datasheet HTML 39Page - STMicroelectronics STV0974E Datasheet HTML 40Page - STMicroelectronics STV0974E Datasheet HTML 41Page - STMicroelectronics STV0974E Datasheet HTML 42Page - STMicroelectronics STV0974E Datasheet HTML 43Page - STMicroelectronics STV0974E Datasheet HTML 44Page - STMicroelectronics STV0974E Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
Functional description
STV0974
41/61
4.9.3.1 High-level interface
Register group 0
Table 27: System and status [register group 0]
Name
Index
R/W
State
code
Data
type
Format
default
Description
Sensor ID Code
MSB
0xA000
R
A
I
DDDD.DDDD
0010.0010
Bit[15:4]: sensor type
Bit [3:0]: Sensor revision
Sensor ID Code
LSB
0xA001
R
A
I
DDDD.DDDD
1000.XXXX
Firmware Rom
Version
0xA002
R
A
I
DDDD.DDDD
0001.0100
Firmware version identifier
External Clock
Frequency MSBa
0xA004
R/W
S
MI
RRDD.DDDD
1101.0000
External clock frequency in MHz
coded as fixed point (5:11):
Bit [15:11]: Integer part
Bit [10:0]: Decimal part (1 unit = 1/
2048 MHz)
i.e. default value is 26MHz.
External Clock
Frequency LSB
0xA005
R/W
S
MI
RRDD.DDDD
0000.0000
Sensor Clock
Derating
0xA006
R
S
I
RRRR.DDDD
0000.0001
Sensor clock deratingb
[15-0]: Reserved
Mode Status
0xA007
R
A
I
RRRR.DDDD
[15]: Booting
[14-7]: Reserved
[6]: Flash
[5]: Capture in progress
[4]: Live
[3]: Capture
[2]: Viewfinder
[1]: Idle
[0]: Sleep
Mode Control
0xA008
R/W
A
I
RRRR.DDDD
0000.0000
[15-7]: Reserved
[6]: Flash
[5]: Reserved
[4]: Live
[3]: Capture
[2]: Viewfinder
[1]: Idle
[0]: Sleep
Status Register
0xA009
R
A
I
DDDD.DDDD
0000.0000
STV0974 status (
Table 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com