Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS1641 Datasheet HTML 1Page - Micro Analog systems MAS1641 Datasheet HTML 2Page - Micro Analog systems MAS1641 Datasheet HTML 3Page - Micro Analog systems MAS1641 Datasheet HTML 4Page - Micro Analog systems MAS1641 Datasheet HTML 5Page - Micro Analog systems MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DA1641.004
1 February, 2019
3 (14)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
Charge pump OFF
Charge pump ON
5.5
4.5
V
Output and Flying
Capacitor Pin
Voltages
VOUT, CP1,
CP2, VOS, VOB
-0.3
15
V
CN2
-0.3
13
V
CN1
-0.3
VIN + 0.3
V
Input Pin Voltages
FEED
-20
30
V
DSEL
-0.3
VIN + 0.3
V
Storage Temperature
-55
+150
°C
Operating Junction
Temperature
TJ
-40
+125
°C
ESD Rating
VHBM
Human Body Model (HBM) (1)
±2000
V
VCDM
Charged Device Model (CDM) (2)
±500
V
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not operate under these conditions,
but it will not be destroyed.
Note 1: JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
Note 2: JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Ambient
Temperature
TA
0
+27
+70
°C
Operating Supply
Voltage
VIN
2.25
3.0
3.6
V
Measurement
Oscillator Frequency
FMEAS
Adjusted by RCOM and RMON
resistors
50
100
150
kHz
Piezo Resonance
Frequency
FPIEZO
2
3.4
5
kHz
Percentage Change of
Sensed Capacitance
ΔC/CREF
5
10
100
%
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, CIN = 10 F, CF1 = CF2 = COUT = 100 nF, Cpiezo = 15 nF, FEED=3.4kHz;
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN = 3.0 V
7.2
9
V
Average Current
Consumption
IDD
Normal mode (no alarm)
36
60
µA
Alarm state and piezo driving
Cpiezo = 15 nF, f= 3.4 kHz
0.45
mA
Peak Current
Consumption
IDD_PEAK
Alarm state, no load
3.9
mA
Alarm state and piezo driving
Cpiezo = 15 nF, f= 3.4 kHz
6.8
mA
Internal System Clock
Frequency
FCLK
Set by external RCLK resistor
RCLK=2M
Ω
8
10
13.3
Hz
Charge Pump
Switching Frequency
FOSC
0.6
1
1.8
MHz
Undervoltage-lockout
Threshold Levels
UVLORISE
UVLOFALL
Turn on level at VDD rising
Turn off level at VDD falling
2.1
2.0
V
DSEL Control Input
Threshold
VIH
High-level input voltage
80
100
%VIN
VIL
Low-level input voltage
0
20
%VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com