Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS1641 Datasheet HTML 4Page - Micro Analog systems MAS1641 Datasheet HTML 5Page - Micro Analog systems MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems MAS1641 Datasheet HTML 10Page - Micro Analog systems MAS1641 Datasheet HTML 11Page - Micro Analog systems MAS1641 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DA1641.004
1 February, 2019
8 (14)
APPLICATION INFORMATION (continued)
TEST output for determining sensed input capacitance value
MAS1641 has open drain output TEST pin. By connecting 4.7k
 pull-up resistor from TEST output to VIN it is
possible to determine measured input capacitance by analyzing the TEST output signal using an oscilloscope (see
figure 3 for measurement configuration). This is useful feature when not knowing exact values of the sensed input
capacitances.
Figure 3. TEST output monitoring circuit for determining sensed input capacitance value
After power up (VIN rise above UVLORISE voltage) and after typical (0.5+0.2+4.2)s=4.9s time MAS1641 starts the
reference measurement which lasts typically 0.1s. Counter reset period lasts 0.1s and which is followed by 0.1s
monitoring measurement. After this the counter reset and monitoring measurement are repeated in 2s period. See
flow graph in the figure 2.
During reference and every monitoring measurement the measurement oscillator signal is transmitted to the TEST
output. Thus after power up there is seen first 0.1s long burst of reference measurement oscillator pulses and after
0.1s delay another 0.1s burst of monitoring measurement oscillator pulses. Figure 4 presents measured TEST pin
signal after power up. It shows the reference and the first monitoring measurement signal bursts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com