Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS1641 Datasheet HTML 5Page - Micro Analog systems MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems MAS1641 Datasheet HTML 10Page - Micro Analog systems MAS1641 Datasheet HTML 11Page - Micro Analog systems MAS1641 Datasheet HTML 12Page - Micro Analog systems MAS1641 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DA1641.004
1 February, 2019
9 (14)
Figure 4. TEST pin signal of reference and first monitoring measurement bursts after 4.9s(typ) from power up (VIN)
The frequencies of reference (fREF) and monitoring (fMON) measurement signal bursts have following dependency
on external RCOM and RMON resistors and sensed capacitance (CSENSOR).
���������������� =
1
2∙(����������������+����������������)∙����������������������������
Equation 6.
���������������� =
1
2∙(����������������+����������������)∙����������������������������
Equation 7.
Either from equation 6 or 7 we can solve the sensor capacitance value CSENSOR as follows.
���������������������������� =
1
2∙(����������������+����������������)∙����������������
Equation 8.
���������������������������� =
1
2∙(����������������+����������������)∙����������������
Equation 9.
For example if in capacitance decrease sensing (DSEL=GND, RINC=0
) we measure the reference measurement
signal frequency as fREF= 97.66kHz and have RCOM=1.60M
 then CSENSOR=1/[2*1.60M*97.66kHz]3.2pF.
If instead we measure the monitoring measurement signal frequency as fMON= 90.32kHz and have RCOM=1.60M
and RINC=130k
 then CSENSOR=1/[2*(1.60M+130k)*90.32kHz]3.2pF. Thus the sensed input capacitance
CSENSOR can be defined either from reference or any monitoring measurement burst frequency.
Hint: When using oscilloscope it is better to measure period of at minimum ten or more oscillator signal pulses (N
pcs) to get better time resolution i.e. better clock frequency (fOSC) measurement accuracy. The oscillator signal
frequency can be calculated from equation 10 when TNOSC period of N pulses is measured.
���������������� =
����
��������������������
Equation 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com