Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems MAS1641 Datasheet HTML 10Page - Micro Analog systems MAS1641 Datasheet HTML 11Page - Micro Analog systems MAS1641 Datasheet HTML 12Page - Micro Analog systems MAS1641 Datasheet HTML 13Page - Micro Analog systems MAS1641 Datasheet HTML 14Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DA1641.004
1 February, 2019
14 (14)
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS1641CA1Q1306
Capacitance Change
Detection with Piezo Alarm
QFN-16 3x3x0.75, Pb Free,
RoHS Compliant
Tape and Reel 3000
pcs / r
MAS1641CA1WAD00
Capacitance Change
Detection with Piezo Alarm
EWS Tested
8” wafers,
thickness 370
μm
MAS1641CA1WAD05
Capacitance Change
Detection with Piezo Alarm
370
μm thick dies in waffle
pack
Contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy (MAS) reserves the right to make changes to the products contained in this data sheet in order to improve the
design or performance and to supply the best possible products. MAS assumes no responsibility for the use of any circuits shown in this
data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the
circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and MAS makes no
claim or warranty that such applications will be suitable for the use specified without further testing or modification.
MAS products are not authorized for use in safety-critical applications (such as life support) where a failure of the MAS product would
reasonably be expected to cause severe personal injury or death. Buyers represent that they have all necessary expertise in the safety and
regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-
related requirements concerning their products and any use of MAS products in such safety-critical applications, notwithstanding any
applications-related information or support that may be provided by MAS. Further, Buyers must fully indemnify MAS and its representatives
against any damages arising out of the use of MAS products in such safety-critical applications.
MAS products are neither designed nor intended for use in military/aerospace applications or environments. Buyers acknowledge and agree
that any such use of MAS products which MAS has not designated as military-grade is solely at the Buyer's risk, and that they are solely
responsible for compliance with all legal and regulatory requirements in connection with such use.
MAS products are neither designed nor intended for use in automotive applications or environments. Buyers acknowledge and agree that, if
they use any non-designated products in automotive applications, MAS will not be responsible for any failure to meet such requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com