Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS1641 Datasheet HTML 3Page - Micro Analog systems MAS1641 Datasheet HTML 4Page - Micro Analog systems MAS1641 Datasheet HTML 5Page - Micro Analog systems MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems MAS1641 Datasheet HTML 10Page - Micro Analog systems MAS1641 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DA1641.004
1 February, 2019
7 (14)
APPLICATION INFORMATION (continued)
EXAMPLE 2: Capacitance increase sensing
fCLK = 10Hz, fREF = 100kHz, CREF = 3.2pF, CMON = 3.7pF i.e.
C=CMON - CREF = 3.7pF - 3.2pF = +0.5pF
CALARM = (3.2pF+3.7pF)/2=3.45pF
RCLK = 1/(8192*6.1pF*10Hz)/2=2M
RCOM = 1/(2*100kHz*3.45pF)=1.4493M
RDEC = 0
 (shorted)
RINC = 1/(2*100kHz*3.2pF)-1.4493M
=113.22k
Important note: In the above RCOM and RINC calculations there must be used non-rounded calculated resistor
values. The resistor value rounding to standard series values can be done only in the next step.
RCOM (E24 5% series) = 1.4493M
  1.5M
RINC (E24 5% series) = 113.22k
  110k
Alarm threshold check: CALARM=3.2pF*(110k
/1.5M+1)=3.43pF OK! (very close to target 3.45pF)
Capacitor andta resistor values for charge pump and piezo driver
The external CIN, CF1, CF2 and COUT capacitors must be low loss (low ESR) ceramic capacitors.
Recommended resistor and capacitor values are shown in the table 2.
Table 2. Recommended capacitor and resistor values
Capacitor
Nominal value
Voltage rating
CIN
10
F (min 1F)
min 6.3V
CF1, CF2
100nF
min 6.3V
COUT
100nF
min 16V
CS
470pF
min 16V
RB
1.5M
RF
200k
Note: Some capacitor dielectric materials such as Y5V have strong voltage dependence. The actual capacitance
value may reduce remarkably when operating near rated voltage. In such case the nominal capacitor value should
be chosen larger to compensate the voltage dependence.
The input (CIN), flying (CF1, CF2) and output (COUT) capacitor value selections have influence on output (VOUT)
ripple and disturbances at supply voltage input (VIN). Table 3 shows alternative capacitor value selections in
different applications. In battery operated applications it is recommended to use CIN=10
F which keeps the start-
up inrush current low.
Table 3. Capacitor value selections in different applications
CIN
CF1-2
COUT
Application
1µF
100nF
100nF
Minimum size layout
10µF
100nF
100nF
Low input disturbances
10µF
100nF
1µF
Low input disturbances and low output ripple
Note: the voltage ripple at VOUT output is approximately proportional to ratio of piezo load capacitance (CPIEZO)
and charge pump output capacitor (COUT). Then the output ripple can be reduced by choosing output capacitor
value which is much larger relative to piezo capacitance value. However, note that large output capacitor also
lengthens output voltage rise time and increases inrush current during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com