Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1641 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS1641
Description  Capacitance Change Detection with Piezo Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1641 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS1641 Datasheet HTML 1Page - Micro Analog systems MAS1641 Datasheet HTML 2Page - Micro Analog systems MAS1641 Datasheet HTML 3Page - Micro Analog systems MAS1641 Datasheet HTML 4Page - Micro Analog systems MAS1641 Datasheet HTML 5Page - Micro Analog systems MAS1641 Datasheet HTML 6Page - Micro Analog systems MAS1641 Datasheet HTML 7Page - Micro Analog systems MAS1641 Datasheet HTML 8Page - Micro Analog systems MAS1641 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DA1641.004
1 February, 2019
5 (14)
APPLICATION INFORMATION
System clock resistor (RCLK) value
The external RCLK resistor adjusts internal system clock frequency (fCLK) which defines rate at which measurements
are looped and intermittent alarm sound is repeated. Nominal frequency for the internal system clock frequency is
fCLK=10Hz which corresponds to operation flow chart timing presented in the figure 2.
Suitable RCLK resistor value is calculated using equation 1.
���������������� =
1
8192∙6.1��������∙����������������
Equation 1.
With nominal system clock frequency fCLK=10Hz we get RCLK=1/(8192*6.1pF*10Hz)
2.0MΩ.
Measurement oscillator resistor (RCOM, RINC, RDEC) values
The external RCOM and RINC or RDEC resistor values adjust measurement oscillator frequencies used in reference
and monitoring capacitance measurements. Nominal oscillator frequency in reference measurement should be as
close to fREF = 100kHz when using nominal internal system clock 10Hz. Thus the frequency ratio fREF/fCLK should be
nominally close to 10000.
See figure 1 for resistor circuit configuration. Note that in capacitance decrease detection (DSEL=GND) the RINC
resistor is not needed and it is replaced by a short circuit (0
). Analogously in capacitance increase detection
(DSEL=VIN) the RDEC resistor is not needed and it is replaced by a short circuit (0
).
The resistance RREF seen from RREF pin to ground defines measurement oscillator frequency (fREF) during
reference measurement (the first measurement after power up). See equation 2.
���������������� = ���������������� + ���������������� =
1
2∙����������������∙����������������
Equation 2.
Similarly, resistance RMON seen from RMON pin to ground defines measurement oscillator frequency (fMON) during
monitoring measurements (repeated measurements after the reference measurement). See equation 3.
���������������� = ���������������� + ���������������� =
1
2∙����������������∙����������������
Equation 3.
Resistor values RCOM, RINC and RDEC are chosen to set fREF = 100kHz and capacitance threshold for alarm (CALARM)
to optimal point. Optimal value for the alarm threshold is mid value between reference capacitance (CREF) and
changed monitoring capacitance (CMON = CREF +
C) since this maximizes margin to both false and missing
alarms. See equation 4.
������������������������ =
����������������+����������������
2
= ���������������� +
∆����
2
Equation 4.
Mid valued capacitance threshold for alarm is illustrated in figure 3 for increasing and decreasing capacitance
cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com