Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 4 Page - Analog Devices

  AD5380 Datasheet HTML 1Page - Analog Devices AD5380 Datasheet HTML 2Page - Analog Devices AD5380 Datasheet HTML 3Page - Analog Devices AD5380 Datasheet HTML 4Page - Analog Devices AD5380 Datasheet HTML 5Page - Analog Devices AD5380 Datasheet HTML 6Page - Analog Devices AD5380 Datasheet HTML 7Page - Analog Devices AD5380 Datasheet HTML 8Page - Analog Devices AD5380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–4–
Parameter
AD5380-3
1
Units
Test Conditions/Comments
ACCURACY
Resolution
1 4
Bits
Relative Accuracy
3
± 4
LSB max
Differential Nonlinearity
-1/+2
LSB max
Guaranteed Monotonic Over Temp
Zero-Scale Error
± 1 0
mV max
Offset Error
± 1 0
mV max
Measured at code 64 in the linear region
Offset Error TC
± 5
uV/°C typ
Gain Error
±0.02
% FSR max
Gain Temperature Coefficient
2
2 0
ppm FSR/°C typ
DC Crosstalk
2
0 . 5
LSBmax
REFERENCEINPUT/OUTPUT
REFERENCE
INPUT
2
Reference Input Voltage
1.25
V
±1% for Specified Performance
DC Input Impedance
1
M
Ω min
Typically 100 M
Ω
Input Current
± 1 0
µA max
Typically ±30 nA
Reference Range
1 to AVDD/2
V min/max
REFERENCE
OUTPUT
4
Output Voltage
1.248/1.252
V min/max
At Ambient
2.495/2.505
V min/max
Reference TC
± 1 0
ppm/°C typ
OUTPUT
CHARACTERISTICS
2
Output Voltage Range
3
0/AVDD
V min/max
Short Circuit Current
4 0
mA max
Load Current
± 1
mA max
Capacitive Load Stability
RL=
∞
2 0 0
pF max
RL=5kΩ
T B D
pF max
DC Output Impedance
0 . 5
Ω max
MONITOR
PIN
Output Impedance
5 0 0
Ω typ
Tristate Leakage Current
1 0 0
nA typ
LOGIC INPUTS (EXCEPT SDA/SCL)
2
DVDD = 2.7 V to 3.6V
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0 . 8
V max
Input Current
± 1 0
µA max
Total for All Pins. TA=TMIN to TMAX
Pin Capacitance
1 0
pF max
LOGIC INPUTS (SCL, SDA ONLY)
VIH, Input High Voltage
0.7 DVDD
V min
SMBus-Compatible at DVDD < 3.6 V
VIL, Input Low Voltage
0.3 DVDD
V max
SMBus-Compatible at DVDD < 3.6 V
IIN, Input Leakage Current
±1
µ A
VHYST, Input Hysteresis
0.05 DVDD
V
CIN, Input Capacitance
8
pF
Glitch Rejection
5 0
ns
Input filtering suppresses noise spikes of
less than 50 ns.
LOGIC OUTPUTS (
BUSY,SDO)2
VOL, Output Low Voltage
0 . 4
V max
Sinking 200µA
VOH, Output High Voltage
DVDD-0.5
V min
Sourcing 200µA
High Impedance Leakage Current
± 1
µA max
SDO Only
High Impedance Output Capacitance
5
pF typ
SDO Only
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
µ A
Three-State Output Capacitance
8
pF
AD5380-3–SPECIFICATIONS
(AVDD = 2.7V to 3.6V ; DVDD=2.7V to 5.5V, AGND=DGND = 0 V; CL = 200 pF to AGND; RL =
5k
Ω
Ω
Ω
Ω
Ω ; External REFIN=1.25V; All specifications T
MIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com